Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048T080T030 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048T080T030
Description  VTM Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T080T030 Datasheet(HTML) 3 Page - Vicor Corporation

  V048T080T030 Datasheet HTML 1Page - Vicor Corporation V048T080T030 Datasheet HTML 2Page - Vicor Corporation V048T080T030 Datasheet HTML 3Page - Vicor Corporation V048T080T030 Datasheet HTML 4Page - Vicor Corporation V048T080T030 Datasheet HTML 5Page - Vicor Corporation V048T080T030 Datasheet HTML 6Page - Vicor Corporation V048T080T030 Datasheet HTML 7Page - Vicor Corporation V048T080T030 Datasheet HTML 8Page - Vicor Corporation V048T080T030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048F080T030
Rev. 2.2
Page 3 of 11
Figure 1 — Input reflected ripple current at full load and 48 Vf.
Efficiency vs. Output Current
82
84
86
88
90
92
94
96
98
0
3
6
9
12
15
18
21
24
27
30
Output Current (A)
Figure 3 — Efficiency vs. output current.
Power Dissipation
2
4
6
8
10
12
0
3
6
9
12
15
18
21
24
27
30
Output Current (A)
Figure 4 — Power dissipation vs. output current.
Waveforms
Figure 6 — Output voltage ripple at full load and 48 Vf with 30 µF ceramic
POL bypass capacitance and 20 nH distribution inductance.
Figure 5 — Output voltage ripple at full load and 48 Vf with no POL bypass
capacitance.
Ripple vs. Output Current
10
30
50
70
90
110
130
150
0
3
6
9
12
15
18
21
24
27
30
Output Current (A)
Figure 2 — Output voltage ripple vs. output current at 48 Vf with no POL
bypass capacitance.
Electrical Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com