Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F030T21 Datasheet(PDF) 1 Page - Vicor Corporation

Part # B048F030T21
Description  BCM Bus Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F030T21 Datasheet(HTML) 1 Page - Vicor Corporation

  B048F030T21 Datasheet HTML 1Page - Vicor Corporation B048F030T21 Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
vicorpower.com
800-735-6200
Rev. 1.3
9/09
Page 1 of 2
Model
Input
Output
Output
Output
Temp. Grade
Package
Number
Voltage
Voltage
Power
Current
(V)
(V)
(W)
(A)
B048F015T14
38 – 55
1.19 – 1.71
135
90
T
Full
B048F030T21
38 – 55
2.38 – 3.43
210
70
T
Full
B048F040T20
38 – 55
3.17 – 4.58
200
50
T
Full
B048F060T24
38 – 55
4.75 – 6.87
240
40
T
Full
B048F080T24
38 – 55
6.33 – 9.16
240
30
T
Full
B048F096T24
38 – 55
7.60 – 11.0
240
25
T
Full
B048F120T30
38 – 55
9.50 – 13.8
300
25
T
Full
B048F160T24
38 – 55
12.7 – 18.3
240
15
T
Full
B048F240T30
38 – 53
19.0 – 26.5
300
12
T
Full
B048F320T30
38 – 55
25.3 – 36.7
300
9
T
Full
B048F480T30
38 – 55
38.0 – 55.0
300
6
T
Full
VIB0101THJ
38 – 55
9.5 – 13.75
120
11.3
T
Half
• Efficiency: up to 96%
• Input: 48 V
• Power Density: >1000 W/in
3
• Current sharing: 5%
• Isolation: 2,250 Vdc
• Footprint: 0.56 in
2 / 1.08 in2
V•I ChipTM BCMTM
Bus Converter
Product Description
The Bus Converter family consists of 14 models that provide an isolated intermediate bus voltage to power non-isolated POL
converters. The 48 V BCMs operate from a narrow-input-range DC source and depending on the model selected, deliver a single
output with ratings of 1.5 Vdc to 48 Vdc at up to 300 W. The 48 Vdc BCM family offers superior performance, the highest
efficiency and power density in the smallest package available.
SW1
enable / disable
switch
F1
V
C1
POL
POL
POL
POL
10 µF
-In
+In
PC
TM
-Out
+Out
BCM
IN
V
OUT
3.15 A
Typical Application
Part Numbering
BCM™
–Out
+Out
–Out
+Out
–In
+In
PC RSV TM
U.S. PATS. LISTED ON PACKING MATERIALS & DATASHEETS
S
NRTL
CUS
RoHS
VICOR CORP.
MADE IN USA
™
32,5
1.28
22,0
0.87
6,73
0.265
mm
in
22,0
0.87
16,5
0.65
Half–Chip
Full–Chip
Bus Converter
Module
Configuration
F = J-Lead
T = Through hole
Output Voltage
Designator
( = V
OUT x 10 )
Output Power
Designator
( = P
OUT / 10 )
Product Grade Temperatures (°C)
Grade
Storage
Operating (TJ)
T=
– 40 to 125
–40 to 125
M=
–65 to 125
–55 to 125
FPA Family
B = Bus Converter Module
Branding
V•I Chip
Product Reference
Reference Only
Package Size
F = Full
H = Half
Leadform
J = J-Lead (SMT)
VI
B
xxxx
TF
J
Product Grade Temperatures (°C)
Grade
Storage (TST)
Operating (TJ)
T =
– 40 to 125
–40 to 125
M =
–65 to 125
–55 to 125
Input Voltage
Designator
B
048
F
120
T
3 0


Similar Part No. - B048F030T21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F030T21 VICOR-B048F030T21 Datasheet
565Kb / 15P
VI Chip - BCM Bus Converter Module
B048F030T21 VICOR-B048F030T21 Datasheet
983Kb / 12P
BCM Bus Converter
B048F030T21 VICOR-B048F030T21 Datasheet
572Kb / 2P
Bus Converter Family
More results

Similar Description - B048F030T21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
BCM Bus Converter
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
BCM Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
BCM??Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
BCM??Bus Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com