Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU323AP Datasheet(PDF) 3 Page - Motorola, Inc

Part # BU323AP
Description  DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BU323AP Datasheet(HTML) 3 Page - Motorola, Inc

  BU323AP Datasheet HTML 1Page - Motorola, Inc BU323AP Datasheet HTML 2Page - Motorola, Inc BU323AP Datasheet HTML 3Page - Motorola, Inc BU323AP Datasheet HTML 4Page - Motorola, Inc BU323AP Datasheet HTML 5Page - Motorola, Inc BU323AP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BU323AP
3–3
Motorola Bipolar Power Transistor Device Data
2000
0.1
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
20
0.2
0.3
0.5 0.7
1
5
7
10
500
200
100
70
Figure 4. Collector Saturation Region
3
0.002
IB, BASE CURRENT (AMP)
0.5
0.005 0.01
0.02
0.05
0.2
0.5
1
2
2.5
2
1.5
1
IC = 0.5 A
TJ = 25°C
3
10 A
700
300
TJ = 150°C
25
°C
50
30
2
3
0.1
1.7
0.1
Figure 5. Collector–Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
0.2
0.5
1.0
2.0
10
1.6
1.4
1.3
0.5
IC/IB = 50
TJ = 25°C
1.5
Figure 6. Base–Emitter Voltage
1000
VCE = 3 Vdc
VCE = 6 Vdc
6
1.2
1.1
0.9
0.8
1.0
0.7
0.6
5.0
2.2
0.1
IC, COLLECTOR CURRENT (A)
0.2
0.5
1.0
2.0
10
2.1
1.9
1.8
1.0
2.0
1.7
1.6
1.4
1.3
1.5
1.2
1.1
5.0
TJ = 25°C
Figure 7. Turn–Off Switching Time
10
0.2
IC, COLLECTOR CURRENT (AMP)
0.1
0.3
0.5 0.7
1
3
5
20
TJ = 25°C
IC/IB = 20
VCE = 12 Vdc
2
7
5
3
2
1
ts
0.7
0.5
0.3
0.2
7
10
tf
Figure 8. Collector Cutoff Region
104
– 0.2
VBE, BASE–EMITTER VOLTAGE (VOLTS)
10 –1
0
+ 0.2
103
102
101
100
+ 0.4
+ 0.6
+ 0.8
REVERSE
VCE = 250 Vdc
TJ = 150°C
IC = ICES
75
°C
25
°C
TJ = – 40°C
TJ = – 40°C
FORWARD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com