Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG441C/D
Description  Improved, Quad, SPST Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG441C/D Datasheet HTML 1Page - Maxim Integrated Products DG441C/D Datasheet HTML 2Page - Maxim Integrated Products DG441C/D Datasheet HTML 3Page - Maxim Integrated Products DG441C/D Datasheet HTML 4Page - Maxim Integrated Products DG441C/D Datasheet HTML 5Page - Maxim Integrated Products DG441C/D Datasheet HTML 6Page - Maxim Integrated Products DG441C/D Datasheet HTML 7Page - Maxim Integrated Products DG441C/D Datasheet HTML 8Page - Maxim Integrated Products DG441C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Improved, Quad, SPST Analog Switches
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
ON-RESISTANCE vs. VD AND
UNIPOLAR SUPPLY VOLTAGE
0
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
VD (V)
V+ = 10V
V+ = 15V
V+ = 20V
ON-RESISTANCE vs. VD AND UNIPOLAR
SUPPLY VOLTAGE AND TEMPERATURE
0
25
50
75
100
125
150
04
8
12
VD (V)
TA = +125
°C
TA = +25
°C
TA = -55
°C
V+ = 12V
V- = 0V
ON-RESISTANCE vs. VD AND
BIPOLAR SUPPLY VOLTAGE
30
60
90
120
150
180
-20
-10
0
+10
+20
VD (V)
±5V
±10V
±15V
±20V
0
-15
0
15
-10
-5
510
0
20
40
60
80
100
120
VD (V)
TA = +125
°C
TA = -55
°C
TA = +25
°C
V+ = 15V, V- = -15V
ON-RESISTANCE vs. VD AND
BIPOLAR VOLTAGE AND TEMPERATURE
SWITCHING TIMES vs.
BIPOLAR SUPPLY VOLTAGE
0
40
80
120
160
200
240
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
tON
tOFF
SWITCHING TIMES vs.
UNIPOLAR SUPPLY VOLTAGE
0
50
100
150
200
250
300
350
10
15
20
25
UNIPOLAR SUPPLY VOLTAGE (V)
tON
tOFF
CHARGE INJECTION vs.
VD VOLTAGE (DUAL SUPPLY)
-20
0
20
40
VD (V)
-15
-10
0
10
15
V+ = 15V
V- = -15V
CL = 1nF
CHARGE INJECTION vs.
VD VOLTAGE (SINGLE SUPPLY)
-10
0
10
0
5
10
15
VD (V)
V+ = 12V
V- = 0V
CL = 1nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com