Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3100 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3100
Description  Stratum 2/3E/3 Timing Card IC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3100 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3100_09 Datasheet HTML 17Page - Maxim Integrated Products DS3100_09 Datasheet HTML 18Page - Maxim Integrated Products DS3100_09 Datasheet HTML 19Page - Maxim Integrated Products DS3100_09 Datasheet HTML 20Page - Maxim Integrated Products DS3100_09 Datasheet HTML 21Page - Maxim Integrated Products DS3100_09 Datasheet HTML 22Page - Maxim Integrated Products DS3100_09 Datasheet HTML 23Page - Maxim Integrated Products DS3100_09 Datasheet HTML 24Page - Maxim Integrated Products DS3100_09 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 227 page
background image
DS3100
19-4546; Rev 9; 5/09
21 of 227
Table 6-7. SPI Bus Mode Pin Descriptions
Note: These pins are active in SPI interface modes. See Section 7.12.2 for functional description and Section 10.6 for timing specifications.
PIN
NAME
(1)
TYPE
(2)
FUNCTION
J16
CS
IPU
Active-Low Chip Select.
This pin must be asserted to read or write internal registers.
C16
SCLK
I
Serial Clock.
SCLK is always driven by the SPI bus master.
D16
SDI
I
Serial Data Input.
The SPI bus master transmits data to the device on this pin.
E15
SDO
O
Serial Data Output.
The device transmits data to the SPI bus master on this pin.
D14
CPHA
I
Clock Phase.
See Figure 7-18.
0 = data is latched on the leading edge of the SCLK pulse
1 = data is latched on the trailing edge of the SCLK pulse
C14
CPOL
I
Clock Polarity.
See Figure 7-18.
0 = SCLK is normally low and pulses high during bus transactions
1 = SCLK is normally high and pulses low during bus transactions
A15
INTREQ
O
Interrupt Request.
The behavior of this pin is configured in the INTCR register.
Polarity can be active high or active low. Drive action can be push-pull or open drain.
The pin can also be configured as a general-purpose output if the interrupt request
function is not needed.
Table 6-8. JTAG Interface Pin Descriptions
Note: See Section 9 for functional description and Section 10.7 for timing specifications.
PIN
NAME
(1)
TYPE
(2)
FUNCTION
T8
JTRST
IPU
Active-Low JTAG Test Reset.
Asynchronously resets the test access port (TAP)
controller. If not used,
JTRST can be held low or high.
R8
JTCLK
I
JTAG Clock.
Shifts data into JTDI on the rising edge and out of JTDO on the falling
edge. If not used, JTCLK can be held low or high.
R9
JTDI
IPU
JTAG Test Data Input.
Test instructions and data are clocked in on this pin on the
rising edge of JTCLK. If not used, JTDI can be held low or high.
P9
JTDO
O
JTAG Test Data Output.
Test instructions and data are clocked out on this pin on the
falling edge of JTCLK. If not used, leave floating.
T9
JTMS
IPU
JTAG Test Mode Select.
Sampled on the rising edge of JTCLK and is used to place
the port into the various defined IEEE 1149.1 states. If not used, connect to VDDIO or
leave floating.
Table 6-9. General-Purpose I/O Pin Descriptions
PIN
NAME
(1)
TYPE
(2)
FUNCTION
E2
GPIO1
I/O
General-Purpose I/O Pin 1.
GPCR:GPIO1D configures this pin as an input or an
output. GPCR:GPIO1O specifies the output value. GPSR:GPIO1 indicates the state of
the pin.
F3
GPIO2
I/O
General-Purpose I/O Pin 2.
GPCR:GPIO2D configures this pin as an input or an
output. GPCR:GPIO2O specifies the output value. GPSR:GPIO2 indicates the state of
the pin.
H2
GPIO3
I/O
General-Purpose I/O Pin 3.
GPCR:GPIO3D configures this pin as an input or an
output. GPCR:GPIO3O specifies the output value. GPSR:GPIO3 indicates the state of
the pin.
J1
GPIO4
I/O
General-Purpose I/O Pin 4.
GPCR:GPIO4D configures this pin as an input or an
output. GPCR:GPIO4O specifies the output value. GPSR:GPIO4 indicates the state of
the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com