Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX976ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX976ESA
Description  Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX976ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX976ESA Datasheet HTML 1Page - Maxim Integrated Products MAX976ESA Datasheet HTML 2Page - Maxim Integrated Products MAX976ESA Datasheet HTML 3Page - Maxim Integrated Products MAX976ESA Datasheet HTML 4Page - Maxim Integrated Products MAX976ESA Datasheet HTML 5Page - Maxim Integrated Products MAX976ESA Datasheet HTML 6Page - Maxim Integrated Products MAX976ESA Datasheet HTML 7Page - Maxim Integrated Products MAX976ESA Datasheet HTML 8Page - Maxim Integrated Products MAX976ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD+, VCC = 5V)
VOUT
2V/div
MAX976 TOC13
VOD = 50mV
CLOAD = 15pF
10MHz RESPONSE
INPUT
50mV/div
20ns/div
OUTPUT
2V/div
VOS
VCC
GND
MAX976 TOC15
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD-, VCC = 5V)
VOUT
2V/div
MAX976 TOC14
VOD = 50mV
CLOAD = 15pF
Single/Dual/Quad, SOT23, Single-Supply,
High-Speed, Low-Power Comparators
4
_______________________________________________________________________________________
______________________________Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)
90
80
0
1
10
100
PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
10
30
20
50
40
70
60
CLOAD = 15pF
100
-1
2345
01
6
INPUT BIAS CURRENT
vs. INPUT COMMON-MODE VOLTAGE
0.01
INPUT COMMON-MODE VOLTAGE (V)
0.1
1
10
VCC = 2.7V
VCC = 5.5V
-2.0
-1.0
-1.5
0
-0.5
0.5
1.0
1.5
2.0
-60
-20
0
-40
20
40
60
80
100
TRIP POINTS AND OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VTRIP+
VTRIP-
VOS
40
50
60
70
80
90
100
-60
-20
-40
0
20
40
60
80
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2.7V
VCC = 5.5V
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD+, VCC = 3V)
VOUT
1V/div
MAX976 TOC11
VOD = 50mV
CLOAD = 15pF
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD-, VCC = 3V)
VOUT
1V/div
MAX976 TOC12
CLOAD = 15pF
VOD = 50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com