Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX978EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX978EEE
Description  Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX978EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX978EEE Datasheet HTML 1Page - Maxim Integrated Products MAX978EEE Datasheet HTML 2Page - Maxim Integrated Products MAX978EEE Datasheet HTML 3Page - Maxim Integrated Products MAX978EEE Datasheet HTML 4Page - Maxim Integrated Products MAX978EEE Datasheet HTML 5Page - Maxim Integrated Products MAX978EEE Datasheet HTML 6Page - Maxim Integrated Products MAX978EEE Datasheet HTML 7Page - Maxim Integrated Products MAX978EEE Datasheet HTML 8Page - Maxim Integrated Products MAX978EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________General Description
The MAX976/MAX978/MAX998 dual/quad/single, high-
speed, low-power comparators are optimized for
+3V/+5V single-supply applications. They achieve a
20ns propagation delay while consuming only 225µA
supply current per comparator. The MAX998 features a
low-power shutdown mode that places the output in a
high-impedance state and reduces supply current
to 1nA.
The MAX976/MAX978/MAX998 inputs have a common-
mode voltage range that extends 200mV below ground.
Their outputs are capable of rail-to-rail operation with-
out external pullup circuitry, making these devices ideal
for interface with CMOS/TTL logic. All inputs and out-
puts can tolerate a continuous short-circuit fault condi-
tion to either rail. The comparators’ internal hysteresis
ensures clean output switching, even with slow-moving
input signals.
For space-critical applications, the single MAX998 is
available in a 6-pin SOT23 package, the dual MAX976
is available in an 8-pin µMAX® package, and the quad
MAX978 is available in a 16-pin QSOP package.
________________________Applications
Battery-Powered Systems
Threshold Detectors/Discriminators
3V Systems
IR Receivers
Digital Line Receivers
____________________________Features
♦ Single-Supply Operation Down to 2.7V
♦ 20ns Propagation Delay
♦ 225µA Supply Current
♦ 1nA Shutdown Supply Current
♦ Rail-to-Rail Outputs
♦ Ground-Sensing Inputs
♦ Internal Hysteresis Ensures Clean Switching
♦ Available in Space-Saving Packages
SOT23 (MAX998)
µMAX (MAX976)
QSOP (MAX978)
Single/Dual/Quad, SOT23, Single-Supply,
High-Speed, Low-Power Comparators
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
GND
IN-
IN+
16
VCC
5
SHDN
OUT
MAX998
SOT23
2
34
+ -
__________________Pin Configurations
VCC
VCC
VCC
VCC
RD
SHDN
R1
R2
IR RECEIVER
OUT
0.1
μF
MAX998
VCC
GND
___________Typical Operating Circuit
19-1299; Rev 3; 3/09
PART*
MAX976ESA
MAX976EUA
MAX978ESE
16 Narrow SO
8 µMAX
8 SO
PIN-PACKAGE
SOT
TOP MARK
—
—
—
_______________Ordering Information
Pin Configurations continued at end of data sheet
µMAX a registered trademark of Maxim Integrated Products, Inc.
MAX978EEE
MAX998ESA
MAX998EUT-T
6 SOT23
8 SO
16 QSOP
—
—
AAAO
*All devices are specified over the -40°C to +85°C temper-
ature range.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX978EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX978EEE MAXIM-MAX978EEE Datasheet
120Kb / 8P
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
More results

Similar Description - MAX978EEE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9031AUK MAXIM-MAX9031AUK Datasheet
220Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com