Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX295ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX295ESA
Description  8th-Order, Lowpass, Switched-Capacitor Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX295ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX295ESA Datasheet HTML 1Page - Maxim Integrated Products MAX295ESA Datasheet HTML 2Page - Maxim Integrated Products MAX295ESA Datasheet HTML 3Page - Maxim Integrated Products MAX295ESA Datasheet HTML 4Page - Maxim Integrated Products MAX295ESA Datasheet HTML 5Page - Maxim Integrated Products MAX295ESA Datasheet HTML 6Page - Maxim Integrated Products MAX295ESA Datasheet HTML 7Page - Maxim Integrated Products MAX295ESA Datasheet HTML 8Page - Maxim Integrated Products MAX295ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
8th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, V- = -5V, filter output measured at OUT pin, 20k
Ω load resistor to ground at OUT and OP OUT, fCLK = 100kHz
(MAX291/MAX292) or fCLK = 50kHz (MAX295/MAX296), TA = TMIN to TMAX, unless otherwise noted.)
IN = GND
V+ = 5V, V- = -5V, VCLK = 0V to 5V
V- = 0V, GND = V±2
VCLK = 0V or 5V
TA = +25°C, fCLK = 100kHz
fCLK = 100kHz
COSC = 1000pF
CONDITIONS
mA
15
22
4.750
11.000
Single Supply
V
±2.375
±5.500
Supply Voltage
Dual Supply
µA
0.05
Input Bias Current
V
±4
Output DC Swing
mV
±10
±50
Input Offset Voltage
dB
0.15
0
-0.15
DC Insertion Gain Error with
Output Offset Removed
mV
±150
±400
V
±4
Output DC Swing
Output Offset Voltage
1.0
Low
V
4.0
Clock Input High
(Note 1)
µA
±70
±120
Internal Oscillator
Current Source/Sink
dB
-70
Total Harmonic Distortion
plus Noise
mVp-p
6
Clock Feedthrough
kHz
29
35
43
Internal Oscillator
Frequency
UNITS
MIN
TYP
MAX
PARAMETER
V+ = 2.375V, V- = -2.375V, VCLK = -2V to 2V
712
Supply Current
CLOCK
UNCOMMITTED OP AMP
POWER REQUIREMENTS
V
V
Typical Operating Characteristics
(V+ = 5V, V- = -5V, TA = +25°C, fCLK = 100kHz (MAX291/MAX292) or fCLK = 50kHz (MAX295/MAX296), unless otherwise noted.)
0.990
1.000
1.020
1.010
1.030
2.0
3.5
4.0
2.5
3.0
4.5
5.0
5.5
NORMALIZED INTERNAL OSCILLATOR
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1nF EXTERNAL
CAPACITOR CLK
0
100
50
200
150
300
250
350
450
400
500
0
468
2
1012141618
INTERNAL OSCILLATOR PERIOD vs.
CAPACITANCE VALUE
CAPACITANCE (nF)
0.97
0.94
1.03
1.00
1.06
-60
-20
0
20
-40
40 60
80 100 120 140
NORMALIZED INTERNAL OSCILLATOR
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
1nF EXTERNAL
CAPACITOR CLK
Note 1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com