Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8232S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8232S
Description  Voice Over IP Magnetic Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8232S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8232S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Voice Over IP Magnetic Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed to meet 400 mA Balanced DC Line Current
• Guaranteed to operate with 8 mA DC Bias @ 70°C on Cable Side
• Complies with or exceeds IEEE 802.3, 10BT/100BX Standards
Schematic
EPF8232S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8232S
Rev. 4
12/17/02
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Return Loss
(dB Min.)
DCR
(
Ω Max.)
OCL
@ 70°C
Cable Side
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
1:1
PCA
EPF8232S
Date Code
7
5
6
8
2
4
3
1
0.3
Pins 7-8
Pins 6-5
1-80
MHz
-1
@ 100
MHz
-1.5
Pins 1-2
Pins 3-4
0.3
1-30
MHz
-18
30-60
MHz
-10
60-80
MHz
-10
Leakage
Inductance
(µH Max.)
100 KHz,
0.1 Vrms
0.4
100 KHz,
0.1 Vrms
25
Interwinding
Capacitance
(pF Max.)
Pad
Layout
.240
(6.10)
.290
Max.
(7.37)
.150
(3.81)
.150
(3.81)
.010
(.254)
.050
(1.27)
.035
(.889)
.016/.022
(.406/.559)
.030
(.762)
.050
(1.27)
.035
(.889)
.290
(7.37)
Pin 1
I.D.


Similar Part No. - EPF8232S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8230S PCA-EPF8230S Datasheet
45Kb / 1P
10/100Base-TX Module
EPF8230SA PCA-EPF8230SA Datasheet
46Kb / 1P
10/100Base-TX Module
EPF8231GE PCA-EPF8231GE Datasheet
154Kb / 1P
10/100Base-X Interface Module
EPF8234F PCA-EPF8234F Datasheet
41Kb / 1P
10/100Base-TX Voice Over IP Interface Module
EPF8235G PCA-EPF8235G Datasheet
156Kb / 1P
10/100Base-TX Voice Over IP Interface Module
More results

Similar Description - EPF8232S

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM7A8620 EMC-EM7A8620 Datasheet
366Kb / 18P
Voice over IP
logo
PCA ELECTRONICS INC.
EPG4025F PCA-EPG4025F Datasheet
29Kb / 1P
1000Base-T Dual Port Voice Over IP Magnetic Module
EPF8215S PCA-EPF8215S Datasheet
25Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8215SE PCA-EPF8215SE Datasheet
91Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8220F PCA-EPF8220F Datasheet
37Kb / 1P
10/100 Base-TX Voice Over IP Magnetic Module
EPF8229F PCA-EPF8229F Datasheet
42Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8237F PCA-EPF8237F Datasheet
51Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPR1561F1 PCA-EPR1561F1 Datasheet
24Kb / 1P
Voice Over IP Application
EPG4025F PCA-EPG4025F_15 Datasheet
29Kb / 1P
1000Base-T Dual Port Voice Over IP Magnetic Module
logo
XFMRS Inc.
XFVOIP-04 XFMRS-XFVOIP-04_15 Datasheet
60Kb / 1P
VOICE OVER IP MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com