Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8237F Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8237F
Description  10/100Base-TX Voice Over IP Magnetic Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8237F Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8237F Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Voice Over IP
Magnetic Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for Voice Over IP Applications
• Complies with or exceeds IEEE 802.3 af ANSI/3.263,
10/100Base-TX Standards
• Operating Temperature : 0°C to 70°C
• 350 mA Handling Capability
• 1500 Vrms Isolation
• Auto MDIX
Schematic
EPF8237F
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8237F
Rev. -
2/6/03
• Rise Time : 1.75 nS Max. • Impedance : 100
Ω •
.590
(14.99)
.035
(.889)
0°-8°
.065
(1.65)
Pad
Layout
.620
(15.75)
.025
(.640)
.537
(13.64)
.470
(11.94)
PCA
EPF8237F
Date Code
Pin 1
I.D.
.016
(.410)
.040
(1.02)
.010
(.254)
.245
(6.22)
.440
(11.18)
.040
(1.02)
.056
(1.41)
.008/.013
(.203/.330
)
Insertion
Loss
(dB Max.)
1-65
MHz
-1
OCL
(µH Min.)
8 mA DC Bias
100 KHz,
0.1 Vrms
350 (Media Side)
Common to
Differential
(dB Min.)
Cross talk
(dB Min.)
-35
60
MHZ
-30
100
MHz
-40
1-40
MHZ
-35
50
MHZ
-30
100
MHz
-40
30
MHZ
-
1-80
MHz
CMRR
(dB Min.)
-60
1
MHZ
-1.1
65-100
MHz
100-125
MHz
-1.5
-12
80
MHZ
-10
100
MHz
-13
50
MHZ
-16
1-30
MHZ
Return
Loss
(dB Min.)
1:1
1
2
3
23
24
22
1:1
4
5
6
21
19
20
1:1
7
8
9
17
18
16
1:1
10
11
12
15
13
14
Chip
Side
Media
Side
Chip
Side
Media
Side


Similar Part No. - EPF8237F

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8230S PCA-EPF8230S Datasheet
45Kb / 1P
10/100Base-TX Module
EPF8230SA PCA-EPF8230SA Datasheet
46Kb / 1P
10/100Base-TX Module
EPF8231GE PCA-EPF8231GE Datasheet
154Kb / 1P
10/100Base-X Interface Module
EPF8232S PCA-EPF8232S Datasheet
57Kb / 1P
Voice Over IP Magnetic Module
EPF8234F PCA-EPF8234F Datasheet
41Kb / 1P
10/100Base-TX Voice Over IP Interface Module
More results

Similar Description - EPF8237F

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8215S PCA-EPF8215S Datasheet
25Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8215SE PCA-EPF8215SE Datasheet
91Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8220F PCA-EPF8220F Datasheet
37Kb / 1P
10/100 Base-TX Voice Over IP Magnetic Module
EPF8229F PCA-EPF8229F Datasheet
42Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8234F PCA-EPF8234F Datasheet
41Kb / 1P
10/100Base-TX Voice Over IP Interface Module
EPF8235G PCA-EPF8235G Datasheet
156Kb / 1P
10/100Base-TX Voice Over IP Interface Module
logo
Bothhand USA, LP.
24ST006 BOTHHAND-24ST006 Datasheet
189Kb / 1P
10/100BASE-TX VOICE OVER IP MAGNETICS MODULES
24ST009 BOTHHAND-24ST009 Datasheet
192Kb / 1P
10/100BASE-TX VOICE OVER IP MAGNETICS MODULES
24STS05A BOTHHAND-24STS05A Datasheet
190Kb / 1P
10/100BASE-TX VOICE OVER IP MAGNETICS MODULES
24STS06A BOTHHAND-24STS06A Datasheet
165Kb / 1P
10/100BASE-TX VOICE OVER IP MAGNETICS MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com