Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4162 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4162
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4162_09 Datasheet HTML 1Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 2Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 3Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS: 3V Operation
(VDD = 3V, VSS = 0, VCM = VDD/2, VOUT = VDD/2, RL tied to VDD/2, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ..................................................11V
IN+, IN-, OUT Voltage ......................(VDD + 0.3V) to (VSS - 0.3V)
Short-Circuit Duration (to either rail)...........................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)..............571mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
8-Pin UCSP (derate 4.7mW/°C above +70°C) ...............379mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ...............330mW
14-Pin SO (derate 8.00mW/°C above +70°C)................640mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
To either supply rail
VOL - VSS
VDD - VOH
VOL - VSS
VDD - VOH
Inferred from PSRR test
RL = 10kΩ
Inferred from CMRR test
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
CONDITIONS
15
ISC
mV
325
RL = 100kΩ
VOUT
325
30
180
RL = 10kΩ
30
180
dB
AV
85
120
dB
CMRR
70
100
pA
1.0
100
V
2.5
10.0
VDD
IB
TΩ
VSS -
VDD +
0.25
0.25
VCM
>10
RIN
±6
±0.5
±5
MAX4164
±0.5
±3
VOS
±4
MAX4162
±0.5
±4
mV
±5
MAX4163
UNITS
MIN
TYP
MAX
SYMBOL
AV = 1V/V
kHz
200
GBWP
VDD = 2.5V to 10V
PSRR
dB
80
110
mA
0.1
ROUT
V
VCM = (VSS - 0.25V) to (VDD + 0.25V)
Ω
µV/°C
TCVOS
2
TA = +25°C
TA = -40°C to +85°C
µA
25
40
IDD
degrees
60
φM
dB
12
GM
VOUT = 1V to 2V step
µs
50
VDD = 0 to 3V step, VIN = VDD/2, AV = 1V/V
µs
20
tON
V/ms
115
SR
f = 1kHz, VOUT = 2VP-P, RL = 100kΩ, AV = 1V/V
THD
%
0.02
Phase Margin
Gain Margin
Output Short-Circuit Current
Output Voltage Swing
Input Offset Voltage Tempco
Settling Time to 0.1%
Large-Signal Voltage Gain
Supply Current (Per Amplifier)
Turn-On Time
Slew Rate
Total Harmonic Distortion
Common-Mode Rejection Ratio
Operating Voltage Range
Input Bias Current (Note 2)
Input Common-Mode Voltage
Range
Differential Input Resistance
Input Offset Voltage
PARAMETER
Gain-Bandwidth Product
Power-Supply Rejection Ratio
Closed-Loop Output Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com