Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPID0704 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPID0704
Description  SMD Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPID0704 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPID0704 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPID0704 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPID0704 Datasheet HTML 3Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E L E C T R O N I C S I N C .
SMD Shielded Power Inductors
EPID Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSPID Rev. -
3/6/08
Electrical Characteristics (EPID0703 Type)
100
120
150
180
220
270
330
470
560
680
820
1000
Inductance
(µH)
0.79
0.89
1.27
1.45
1.65
2.31
2.62
4.18
4.67
5.73
6.54
9.44
DC Resistance
(
Ω Max.)
0.50
0.49
0.43
0.39
0.35
0.32
0.28
0.24
0.22
0.19
0.18
0.16
Rated Current
(Amps Max.)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPID0704 Type)
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
Inductance
(µH)
0.049
0.058
0.081
0.091
0.11
0.15
0.17
0.23
0.26
0.35
0.38
0.43
0.61
0.66
0.88
0.98
1.17
1.64
1.86
2.85
3.01
3.62
4.63
5.20
6.00
DC Resistance
(
Ω Max.)
1.84
1.71
1.47
1.31
1.23
1.12
0.96
0.91
0.88
0.75
0.69
0.61
0.60
0.52
0.46
0.42
0.36
0.34
0.32
0.29
0.26
0.23
0.22
0.20
0.18
Rated Current
(Amps Max.)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPID1204 Type)
3.9
4.7
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
Inductance
(µH)
0.015
0.018
0.023
0.026
0.028
0.038
0.050
0.057
0.066
0.080
0.097
0.132
0.160
0.190
0.220
0.260
0.308
0.38
0.53
0.62
0.70
0.87
0.99
DC Resistance
(
Ω Max.)
6.5
5.7
4.9
4.6
4.5
4.0
3.2
3.1
2.9
2.8
2.7
2.1
1.9
1.8
1.5
1.3
1.2
1.1
0.95
0.85
0.80
0.60
0.50
Rated Current
(Amps Max.)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Part
Number
EPID0703-101
EPID0703-121
EPID0703-151
EPID0703-181
EPID0703-221
EPID0703-271
EPID0703-331
EPID0703-471
EPID0703-561
EPID0703-681
EPID0703-821
EPID0703-102
Part
Number
EPID0704-100
EPID0704-120
EPID0704-150
EPID0704-180
EPID0704-220
EPID0704-270
EPID0704-330
EPID0704-390
EPID0704-470
EPID0704-560
EPID0704-680
EPID0704-820
EPID0704-101
EPID0704-121
EPID0704-151
EPID0704-181
EPID0704-221
EPID0704-271
EPID0704-331
EPID0704-391
EPID0704-471
EPID0704-561
EPID0704-681
EPID0704-821
EPID0704-102
Part
Number
EPID1204-3R9
EPID1204-4R7
EPID1204-6R8
EPID1204-8R2
EPID1204-100
EPID1204-120
EPID1204-150
EPID1204-180
EPID1204-220
EPID1204-270
EPID1204-330
EPID1204-390
EPID1204-470
EPID1204-560
EPID1204-680
EPID1204-820
EPID1204-101
EPID1204-121
EPID1204-151
EPID1204-181
EPID1204-221
EPID1204-271
EPID1204-331
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com