Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPIMSC0402C Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPIMSC0402C
Description  Wound Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIMSC0402C Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPIMSC0402C Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIMSC0402C Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIMSC0402C Datasheet HTML 3Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E L E C T R O N I C S I N C .
Wound Chip Inductors
EPIMSC Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIMSC Rev. -
3/31/08 NM
2
Electrical Characteristics (EPIMSC0402C Type)
9.0
9.5
10.0
11.0
12.0
13.0
15.0
16.0
18.0
19.0
20.0
22.0
23.0
24.0
27.0
30.0
33.0
36.0
39.0
40.0
43.0
47.0
51.0
56.0
68.0
82.0
100.0
Inductance
(nH)
4160
4000
3900
3680
3600
3450
3280
3100
3100
3040
3000
2800
2720
2700
2480
2350
2350
2320
2100
2240
2030
2100
1750
1760
1620
1260
1160
SRF
(MHz Min.)
22
18
21
24
24
24
24
24
25
24
25
25
22
25
24
25
24
24
25
24
25
20
25
22
22
20
20
Q
(Min.)
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
Test
Frequency
(MHz)
Part
Number
EPIMSC0402C-9N0
EPIMSC0402C-9N5
EPIMSC0402C-10N
EPIMSC0402C-11N
EPIMSC0402C-12N
EPIMSC0402C-13N
EPIMSC0402C-15N
EPIMSC0402C-16N
EPIMSC0402C-18N
EPIMSC0402C-19N
EPIMSC0402C-20N
EPIMSC0402C-22N
EPIMSC0402C-23N
EPIMSC0402C-24N
EPIMSC0402C-27N
EPIMSC0402C-30N
EPIMSC0402C-33N
EPIMSC0402C-36N
EPIMSC0402C-39N
EPIMSC0402C-40N
EPIMSC0402C-43N
EPIMSC0402C-47N
EPIMSC0402C-51N
EPIMSC0402C-56N
EPIMSC0402C-68N
EPIMSC0402C-82N
EPIMSC0402C-R10
0.10
0.20
0.20
0.12
0.12
0.21
0.17
0.22
0.23
0.20
0.25
0.30
0.30
0.30
0.30
0.30
0.40
0.44
0.55
0.44
0.81
0.83
0.82
0.97
1.12
1.55
2.00
DCR
(
Ω Max.)
680
480
480
640
640
440
560
560
420
480
420
400
400
400
4000
400
400
320
200
320
100
150
100
100
100
50
30
Irms
(mA Max.)
Electrical Characteristics (EPIMSC0603C Type)
1.6
1.8
3.6
3.9
4.3
4.7
5.1
5.6
6.3
6.8
7.5
8.2
8.7
9.5
10
11
12
15
16
18
22
24
27
30
33
36
39
43
47
56
68
72
82
100
110
120
150
180
220
270
330
390
Inductance
(nH)
Part
Number
EPIMSC0603C-1N6
EPIMSC0603C-1N8
EPIMSC0603C-3N6
EPIMSC0603C-3N9
EPIMSC0603C-4N3
EPIMSC0603C-4N7
EPIMSC0603C-5N1
EPIMSC0603C-5N6
EPIMSC0603C-6N3
EPIMSC0603C-6N8
EPIMSC0603C-7N5
EPIMSC0603C-8N2
EPIMSC0603C-8N7
EPIMSC0603C-9N5
EPIMSC0603C-10N
EPIMSC0603C-11N
EPIMSC0603C-12N
EPIMSC0603C-15N
EPIMSC0603C-16N
EPIMSC0603C-18N
EPIMSC0603C-22N
EPIMSC0603C-24N
EPIMSC0603C-27N
EPIMSC0603C-30N
EPIMSC0603C-33N
EPIMSC0603C-36N
EPIMSC0603C-39N
EPIMSC0603C-43N
EPIMSC0603C-47N
EPIMSC0603C-56N
EPIMSC0603C-68N
EPIMSC0603C-72N
EPIMSC0402C-82N
EPIMSC0402C-R10
EPIMSC0603C-R11
EPIMSC0603C-R12
EPIMSC0603C-R15
EPIMSC0603C-R18
EPIMSC0603C-R22
EPIMSC0603C-R27
EPIMSC0603C-R33
EPIMSC0603C-R39
12500
12500
5900
6900
5900
5800
5700
5800
5700
5800
4800
4700
4600
5400
4800
4000
4000
4000
3300
3100
3000
2650
2800
2250
2300
2080
2200
2000
2000
1900
1700
1700
1700
1400
1350
1300
990
990
900
900
900
700
SRF
(MHz Min.)
24
16
22
22
22
20
20
20
20
27
28
28
28
28
31
33
35
35
34
35
38
37
40
37
40
38
40
39
38
38
37
34
34
34
32
32
28
25
25
24
25
25
Q
(Min.)
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
150
150
150
150
150
150
100
100
100
100
100
Test
Frequency
(MHz)
0.030
0.045
0.063
0.080
0.063
0.116
0.140
0.170
0.140
0.110
0.106
0.109
0.109
0.135
0.130
0.086
0.130
0.170
0.104
0.170
0.190
0.135
0.220
0.144
0.220
0.250
0.250
0.280
0.280
0.310
0.340
0.490
0.540
0.580
0.610
0.750
0.920
1.250
2100
2300
3890
4350
DCR
(
Ω Max.)
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
600
600
600
600
600
600
600
600
600
600
400
400
400
300
300
280
200
170
100
100
Irms
(mA Max.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com