Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9513 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 10Page - Maxim Integrated Products MAX9513 Datasheet HTML 11Page - Maxim Integrated Products MAX9513 Datasheet HTML 12Page - Maxim Integrated Products MAX9513 Datasheet HTML 13Page - Maxim Integrated Products MAX9513 Datasheet HTML 14Page - Maxim Integrated Products MAX9513 Datasheet HTML 15Page - Maxim Integrated Products MAX9513 Datasheet HTML 16Page - Maxim Integrated Products MAX9513 Datasheet HTML 17Page - Maxim Integrated Products MAX9513 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
14
______________________________________________________________________________________
CVBS1
EXTCVBSIN
CVBSOUT1
CVBSIN
CVBSOUT2
GND
+3.3V
VDD
CLAMP
OFF
75
Ω
BUFFER
LOAD SENSE
6dB
75
Ω
LOAD SENSE
6dB
LPF
MAX9513
2.9mA PLUS
LOAD CURRENT
CVBS2
75
Ω
SHDN
INT/EXT
ACTIVE VIDEO
DETECT
SMARTSLEEP
CONTROL
LOGIC
+3.3V
OFF
+3.3V
CURRENT
DAC
VIDEO SIGNAL
PRESENT
0
TO
50mV
Figure 5. Full-Operation Mode with CVBSOUT2 Loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com