Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2123 Datasheet(PDF) 15 Page - Vicor Corporation

Part # PI2123
Description  15 Volt, 15 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2123 Datasheet(HTML) 15 Page - Vicor Corporation

Back Button PI2123 Datasheet HTML 11Page - Vicor Corporation PI2123 Datasheet HTML 12Page - Vicor Corporation PI2123 Datasheet HTML 13Page - Vicor Corporation PI2123 Datasheet HTML 14Page - Vicor Corporation PI2123 Datasheet HTML 15Page - Vicor Corporation PI2123 Datasheet HTML 16Page - Vicor Corporation PI2123 Datasheet HTML 17Page - Vicor Corporation PI2123 Datasheet HTML 18Page - Vicor Corporation PI2123 Datasheet HTML 19Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Picor Corporation • picorpower.com
PI2123
Rev 1.0
Page 15 of 20
curves versus conducted current at given ambient
temperatures and air flow.
OV/UV resistor selection:
The UV and OV comparator inputs are used to
monitor the input voltage and will indicate a fault
condition when this voltage is out of range. The UV
& OV pins can be configured in two different ways,
either with a divider on each pin, or with a three-
resistor divider to the same node, enabling the
elimination of one resistor. Under-voltage is
monitored by the UV pin input and over-voltage is
monitored with the OV pin input.
The Fault pin ( FT ) will indicate a fault (active low)
when the UV pin is below the threshold or when the
OV pin is above the threshold. The threshold is
0.50V typical with 25mV hysteresis and the input
current is less than ±1µA. It is important to consider
the maximum current that will flow in the resistor
divider and maximum error due to UV and OV input
current. Set the resistor current to 100µA or higher
to maintain better than 1% accuracy for UV and OV
due to the bias current.
The three-resistor voltage divider configuration for
both UV and OV to monitor the same voltage node
is shown in Figure 19:
Ra
TH
I
OV
V
Ra
)
(
=
Set
value based on system allowable current
Ra
Ra
I
⎟⎟
⎜⎜
=
1
)
(
)
(
UV
V
OV
V
Ra
Rb
()
⎟⎟
⎜⎜
+
=
1
)
(
)
(
TH
UV
V
UV
V
Rb
Ra
Rc
Where:
)
(
TH
UV
V
: UV threshold voltage at Vin.
)
(
TH
OV
V
: OV threshold voltage at Vin.
)
(UV
V
: UV voltage set
Ra
I
:
current.
Ra
Alternatively,
a
two-resistor
voltage
divider
configuration can be used and is shown in Figure
20.
Figure 20
: UV & OV two-resistor divider
configuration
The UV resistor voltage divider can be obtained from
the following equations:
RUV
TH
UV
I
UV
V
R
)
(
1
=
Set
value based on system allowable current
UV
R1
A
I
RUV
μ
100
⎟⎟
⎜⎜
=
1
)
(
)
(
1
2
TH
UV
UV
UV
V
UV
V
R
R
Where:
)
(
TH
UV
V
: UV threshold voltage
RUV
I
:
current
UV
R1
RUV
TH
UV
I
UV
V
R
)
(
1
=
Set
value based on system allowable current
OV
R1
A
I
RUV
μ
100
⎟⎟
⎜⎜
=
1
)
(
)
(
1
2
TH
OV
OV
OV
V
OV
V
R
R
Where:
)
(
TH
OV
V
: OV threshold voltage
ROV
I
:
current.
OV
R1
Figure 19:
UV & OV three-resistor divider
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com