Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14533E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14533E
Description  USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14533E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14533E Datasheet HTML 1Page - Maxim Integrated Products MAX14533E Datasheet HTML 2Page - Maxim Integrated Products MAX14533E Datasheet HTML 3Page - Maxim Integrated Products MAX14533E Datasheet HTML 4Page - Maxim Integrated Products MAX14533E Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USB 2.0 Hi-Speed and Audio Switches with
Negative Signal Capability and ±15kV ESD
2
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
tR < 5ns
tF < 5ns
50%
VIL
LOGIC
INPUT
RL
COM_
GND
CB0, CB1
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
VIN
VIH
tOFF
0
UAX_, UAY_,
UAZ_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
CL
VOUT
MAX14531E
MAX14532E
MAX14533E
MAX14534E
Figure 1. Switching Time
VIN+
VIN-
CB0, CB1
VOUT+
VOUT-
VIN+
VIN-
VOUT+
VOUT-
UAX1, UAY1,
or UAZ1
UAX2, UAY2,
or UAZ2
COM1
COM2
0
VCC
VCC
VCC
VCC
0
0
0
tPLHX
tPHLX
tINRISE
tOUTRISE
tOUTFALL
tPLH = tPLHX OR tPLHY
tPHL = tPHLX OR tPHLY
tSK(O) = |tPLHX - tPLHY| OR |tPHLX - tPHLY|
tSK(P) = |tPLHX - tPHLX| OR |tPLHY - tPHLY|
50%
50%
50%
50%
90%
10%
10%
90%
10%
10%
RL
RL
50%
50%
50%
50%
tINFALL
90%
90%
tPHLY
tPLHY
RS
RS
VIL TO VIH
MAX14531E
MAX14532E
MAX14533E
MAX14534E
Figure 2. Output Skew



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com