Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR1101 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1101
Description  ISDN U Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1101 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1101 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
ISDN U Interface Transformers
CSR1101,7,9,20
Rev. -
3/30/99
• Optimizied for Leading Transceiver I.C.’s •
• Meets or exceeds UL1459 & UL1950 Standards •
• 2500 Vrms Isolation •
• See Selection Guide for I.C. Cross Reference •
Schematic
Package
E L E C T R O N I C S I N C .
Dimensions
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Pri. DCR
(
Ω Max.)
2.4
6.0
7.2
2.4
Sec. DCR
(
Ω Max.)
2.7
3.5
3.0
2.7
OCL
(mH Min.)
7-8.3
13-18
8.4-12.6
7-8.3
Part
Number
EPR1101
EPR1107
EPR1109
EPR1120
1, 4
1, 4
1, 4
1, 4
Line Side
Pins
Schematic
A
B
C
A
55
50
50
50
IDC
(mA Max.)
Turns
Ratio
1.32:1
1.65:1
1.6:1
1.32:1
A
B
C
D
E
F
G
H
I
Dim.
Min.
.750
1.110
.430
.610
.180
---
.860
---
---
Max.
---
---
---
.600
.150
.150
.850
.020
.010
Nom.
(Inches)
(millimeters)
---
---
---
14.97
3.05
---
21.34
---
---
Min.
19.05
28.19
10.92
15.49
4.57
---
21.84
---
---
Max.
---
---
---
15.24
3.81
3.81
21.59
.508
.254
Nom.
---
---
---
.590
.120
---
.840
---
---
D
A
C
E
B
I
G
F
H
Marking :
PCA
EPR11XX
D.C.
85
14
Pin 1
I.D.
C
12
4
3
76
5
A
12
5
4
3
8
B
12
5
4
3
7
6


Similar Part No. - EPR1101

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1100S PCA-EPR1100S Datasheet
88Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
ISDN U Interface Transformers
EPR1103 PCA-EPR1103 Datasheet
51Kb / 1P
ISDN U Interface Transformers
EPR1104 PCA-EPR1104 Datasheet
51Kb / 1P
ISDN U Interface Transformers
EPR1105 PCA-EPR1105 Datasheet
51Kb / 1P
ISDN U Interface Transformers
More results

Similar Description - EPR1101

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
0559-6204-00 BEL-0559-6204-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
ISDN U-Interface Transformers
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/27/98
T-1053 RHOMBUS-IND-T-1053 Datasheet
32Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/23/97
T-1054 RHOMBUS-IND-T-1054 Datasheet
32Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
4/3/98
logo
PCA ELECTRONICS INC.
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
ISDN U Interface Transformers
EPR1136 PCA-EPR1136 Datasheet
38Kb / 1P
ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
ISDN U Interface Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com