Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ2010-RFX+ Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
20
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
30
P6.2/INT17/
TMS
Digital I/O, Type D Port 6.2; External Edge-Selectable Interrupt 17; JTAG Test Mode Select
Input. This pin defaults to an input with a weak pullup after reset and functions as general-
purpose I/O. The port pad contains a Schmitt voltage input and can be configured as an
external interrupt. Enabling a special function disables the pin as general-purpose I/O.
29
P6.3/INT18/
TDO
Digital I/O, Type-D Port 6.3; External Edge-Selectable Interrupt 18; JTAG Test Data Output.
This pin defaults to an input with a weak pullup after reset and functions as general-purpose
I/O. The port pad contains a Schmitt voltage input and can be configured as an external
interrupt. Enabling a special function disables the pin as general-purpose I/O.
28
P6.4/INT19/
TB1B/RX1
Digital I/O, Type D Port 6.4; External Edge-Selectable Interrupt 19; Timer B1 Pin B; Serial
Port 1 Receive. This pin defaults to an input with a weak pullup after reset and functions as
general-purpose I/O. The port pad contains a Schmitt voltage input and can be configured as
an external interrupt. Enabling a special function disables the pin as general-purpose I/O.
25
P6.5/INT20/
TB1A/TX1
Digital I/O, Type D Port 6.5; External Edge-Selectable Interrupt 20; Timer B1 Pin A; Serial
Port 1 Transmit. This pin defaults to an input with a weak pullup after reset and functions as
general-purpose I/O. The port pad contains a Schmitt voltage input and can be configured as
an external interrupt. Enabling a special function disables the pin as general-purpose I/O.
24
P6.6/INT21/
TB2B/SCL
Digital I/O, Type D Port 6.6; External Edge-Selectable Interrupt 21; Timer B2 Pin B; I2C Clock
I/O. This pin defaults to an input with a weak pullup after reset and functions as general-
purpose I/O. The port pad contains a Schmitt voltage input and can be configured as an
external interrupt. Enabling a special function disables the pin as general purpose I/O.
23
P6.7/INT22/
TB2A/SDA
Digital I/O, Type D Port 6.7; External Edge-Selectable Interrupt 22; Timer B2 Pin A; I2C Data
I/O. This pin defaults to an input with a weak pullup after reset and functions as general-
purpose I/O. The port pad contains a Schmitt voltage input and can be configured as an
external interrupt. Enabling a special function disables the pin as general-purpose I/O.
NO CONNECTION PINS
26, 27, 37, 38,
39, 49, 50, 51,
62, 69, 83, 97,
100
N.C.
No Connection. Reserved for future use. Leave these pins unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com