| Electronic Components Datasheet Search |
|
MAXQ3180-RAN+ Datasheet(PDF) 41 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Datasheet(HTML) 41 Page - Maxim Integrated Products |
|
41 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 41 Overvoltage Level (OVLVL) (0x046) This register specifies the fraction of full-scale voltage that is declared to be an overvoltage condition. When X.VRMS exceeds this level for one DSP cycle, the OVF flag in the X.FLAGS register is set. If the OVM flag is set in the X.MASK register, setting the OVF flag will cause the interrupt bit OV to be set in the IRQ_FLAG register. If the inter- rupt is enabled, the interrupt pin is driven active. Full scale is represented by 0x10000. The maximum value for this register is 0xFFFF. Undervoltage Level (UVLVL) (0x048) This register specifies the fraction of full-scale voltage below which an overvoltage condition is declared. When X.VRMS falls below this level for one DSP cycle, the UVF flag in the X.FLAGS register is set. If the UVM flag is set in the X.MASK register, setting the UVF flag will cause the interrupt bit UV to be set in the IRQ_FLAG register. If the interrupt is enabled, the interrupt pin is driven active. Full scale is represented by 0x1000. The maximum value for this register is 0xFFFF. No-Load Level (NOLOAD) (0x04A) This register specifies the fraction of full-scale current below which a no-load condition is declared. When X.IRMS falls below this level, the MAXQ3180 no longer accumulates power for phase X. Full scale is represented by 0x10000. The maximum value for this register is 0xFFFF. Bit: 15 14 13 12 11 10 9 8 Name: Overvoltage Level High Byte Reset: 0xFF Bit: 7 6 5 4 3 2 1 0 Name: Overvoltage Level Low Byte Reset: 0xFF Bit: 15 14 13 12 11 10 9 8 Name: Undervoltage Level High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Undervoltage Level Low Byte Reset: 0x00 Bit: 15 14 13 12 11 10 9 8 Name: No-Load Level High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: No-Load Level Low Byte Reset: 0x03 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |