Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7705 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MX7705 Datasheet HTML 1Page - Maxim Integrated Products MX7705 Datasheet HTML 2Page - Maxim Integrated Products MX7705 Datasheet HTML 3Page - Maxim Integrated Products MX7705 Datasheet HTML 4Page - Maxim Integrated Products MX7705 Datasheet HTML 5Page - Maxim Integrated Products MX7705 Datasheet HTML 6Page - Maxim Integrated Products MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Power-Supply Voltage
VDD
2.70
5.25
V
VDD = 5V
0.45
Unbuffered
fCLKIN =1MHz,
gain =1 to 128
VDD = 3V
0.32
VDD = 5V
0.7
Buffered,
fCLKIN =1MHz,
gain =1 to 128
VDD = 3V
0.6
VDD = 5V,
gain = 1 to 4
0.6
VDD = 5V,
gain = 8 to 128
0.85
VDD = 3V,
gain = 1 to 4
0.4
Unbuffered,
fCLKIN = 2.4576MHz
VDD = 3V,
gain = 8 to 128
0.6
VDD = 5V,
gain = 1 to 4
0.9
VDD = 5V,
gain = 8 to 128
1.3
VDD = 3V,
gain = 1 to 4
0.7
Buffered,
fCLKIN = 2.4576MHz
VDD = 3V,
gain = 8 to 128
1.1
mA
VDD = 5V
16
Power-Supply Current (Note 12)
IDD
Power-down mode
(Note 13)
VDD = 3V
8
µA
VDD = 4.75V to 5.25V
(Note 14)
Power-Supply Rejection Ratio
PSRR
VDD = 2.7V to 3.6V
(Note 14)
dB
EXTERNAL CLOCK TIMING SPECIFICATIONS
CLKIN Frequency
fCLKIN
(Note 15)
400
2500
kHz
Duty Cycle
40
60
%
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN =
2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com