Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC441A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 4 Page - Semtech Corporation

  SC441A Datasheet HTML 1Page - Semtech Corporation SC441A Datasheet HTML 2Page - Semtech Corporation SC441A Datasheet HTML 3Page - Semtech Corporation SC441A Datasheet HTML 4Page - Semtech Corporation SC441A Datasheet HTML 5Page - Semtech Corporation SC441A Datasheet HTML 6Page - Semtech Corporation SC441A Datasheet HTML 7Page - Semtech Corporation SC441A Datasheet HTML 8Page - Semtech Corporation SC441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SC441A
4
© 2009 Semtech Corporation
www.semtech.com
Electrical Characteristics (continued)
Notes:
() Guaranteed by design.
(2) For achievable PWM dimming minimum pulse-width in applications, see the corresponding curves in Typical Characteristics.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Control Signals
EN, PWM High Voltage
V
EN_H, VPWM_H
2
V
EN, PWM Low Voltage
V
EN_L, VPWM_L
0.4
V
EN, PWM Leakage Current
I
EN, IPWM
V
EN, VPWM = 5V
0.

µA
PWM Dimming Frequency()
F
Dimming
50
50k
Hz
PWM Dimming Minimum Duty Cycle
D
MIN_Dimming
F
Dimming = 200Hz
0.2
%
PWM Dimming Minimum Pulse-Width (2)
T
MIN_Dimming
5
µs
PWM Dimming Minimum Off Time
T
MIN_Off
200
300
ns
FFLAG Voltage
V
FFLAG
I
FFLAG = 2 mA
0.25
V
SS Source Current
I
SS_SOURCE
V
SS = 0V
4.5
µA
SS Sink Current
I
SS_SINK
V
SS = 2V at OVP or OTP

SS Switching Threshold
V
SS_Switching
V
IN = 2V, TJ = 25 °C
0.5
0.7
0.85
V
SS End Value
V
SS_END
V
IN = 2V
2.5
V
Over-Voltage Protection
OVPIN Threshold
V
OVPIN_TH
OVPIN - AGND
.43
.52
.58
V
OVPIN Leakage Current
I
OVPIN
V
OVPIN = 20V
0.

µA
OVPRTN Saturation Voltage
V
OVPRTN
I
OVPRTN = 00 µA
60
mV
OVPRTN Leakage Current
I
OVPRTN
V
OVPRTN = 20V
0.
µA
VOUT Internal Pull-down Current Source
I
OVP
V
OUT = VIN + 3V
0.9
mA
VOUT Leakage Current
I
VOUT_Leak
V
OUT = 40V
0.
µA
Current Source (IO1 ~ IO4)
Current Accuracy
I
O~IO4
T
J = 25 °C
40
50
60
mA
Current Matching
T
J = 25 °C
+/- 2
+/-3
%
Maximum LED Current
I
OMAX
200
mA
LED Short-Circuit Protection
V
IO_SCP
T
J = 25 °C, VIO ~ VIO4
2.2
2.35
2.55
V
Leakage Current
I
IO_LEAK
EN = 0, V
IO ~ VIO4 = VIN
0.

µA
Overshoot Protection Threshold
VI
O~VIO4
T
J = 25 °C, VIO ~ VIO4
0.963
.07
.77
V
0.9095
.07
.2305
V
Overshoot Protection Hysteresis
Any of I
O~IO4
00
mV
Over-Temperature Protection
Thermal Shutdown Temperature
T
OTP
50
°C
Thermal Shutdown Hysteresis
T
OTP_H
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com