Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC628A Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC628A Datasheet HTML 3Page - Semtech Corporation SC628A Datasheet HTML 4Page - Semtech Corporation SC628A Datasheet HTML 5Page - Semtech Corporation SC628A Datasheet HTML 6Page - Semtech Corporation SC628A Datasheet HTML 7Page - Semtech Corporation SC628A Datasheet HTML 8Page - Semtech Corporation SC628A Datasheet HTML 9Page - Semtech Corporation SC628A Datasheet HTML 10Page - Semtech Corporation SC628A Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SC628A
7
Typical Characteristics (continued)
Spotlight Efficiency — 25mA
Spotlight Efficiency — 100mA
VOUT = 2.97V, IOUT = 25mA, TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VOUT = 3.14V, IOUT = 100mA, TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Spotlight Efficiency — 275mA
VOUT = 3.32V, IOUT = 275mA, TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Flash Efficiency — 400mA
VIN (V)
VOUT = 3.41V, IOUT = 400mA, TA = 25°C
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com