Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4540EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4540EVB
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4540EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4540EVB Datasheet HTML 7Page - Semtech Corporation SC4540EVB Datasheet HTML 8Page - Semtech Corporation SC4540EVB Datasheet HTML 9Page - Semtech Corporation SC4540EVB Datasheet HTML 10Page - Semtech Corporation SC4540EVB Datasheet HTML 11Page - Semtech Corporation SC4540EVB Datasheet HTML 12Page - Semtech Corporation SC4540EVB Datasheet HTML 13Page - Semtech Corporation SC4540EVB Datasheet HTML 14Page - Semtech Corporation SC4540EVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Applications Information (continued)
Application Circuit for Alternate Input voltages
The typical applications circuit for the SC4540 is shown in
Figure 2. The performance data and specifications included
in this document are for the typical application circuit
(Figure 2). The SC4540 can be used with input voltages
lower than 4.5V (see Figure 3). The Inductor, L1, will need
to be adjusted to allow proper operation for input volt-
ages between to 2.8V to 5.5V. The SC4538 datasheet
should be consulted for the performance of the lower
input voltage circuit.
OU T
LX
BL
CIN
4.5 to 12V
IN
EN
ISET
GN D
COM P
E nable and
PW M
dim m ing
L1
D
C OUT
SC 4540
1 μF
56μH
2.2μF
RISET
CCOM P
1.27kΩ
47n F
RCOM P
Figure 2 — Typical Application Circuit
OU T
LX
BL
2.2μF
2.8V to 5.5V
IN
EN
ISET
GN D
COM P
E nable and
PW M
dim m ing
R ISET
C COM P
22μH
D
1 μF
1.27kΩ
SC 4540
L1
47n F
RCOM P
CIN
COUT
Figure 3 — Low Input Voltage Application Circuit
SC4540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com