Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS485XX Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS485XX
Description  32-bit Audio Decoder DSP Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS485XX Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS485XX Datasheet HTML 16Page - Cirrus Logic CS485XX Datasheet HTML 17Page - Cirrus Logic CS485XX Datasheet HTML 18Page - Cirrus Logic CS485XX Datasheet HTML 19Page - Cirrus Logic CS485XX Datasheet HTML 20Page - Cirrus Logic CS485XX Datasheet HTML 21Page - Cirrus Logic CS485XX Datasheet HTML 22Page - Cirrus Logic CS485XX Datasheet HTML 23Page - Cirrus Logic CS485XX Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
CS485xx Family Data Sheet
32-bit Audio Decoder DSP Family
20
Copyright 2009 Cirrus Logic, Inc.
DS734F3
CONFIDENTIAL
6. Ordering Information
The CS485xx family part number is described as follows:
CS485NI-XYZR
where
N
- Product Number Variant
I
- ROM ID Number
X
- Product Grade
Y
- Package Type
Z
- Lead (Pb) Free
R
- Tape and Reel Packaging
NOTE: Please contact the factory for availability of the -D (automotive grade) package.
Table 3. Ordering Information
Part No.
Grade
Temp. Range
Package
CS48520-CQZ
Commercial
0 to +70 °C
48-pin LQFP
CS48540-CQZ
Commercial
0 to +70 °C
CS48540-DQZ
Automotive
-40 to +85 °C
CS48560-CQZ
Commercial
0 to +70 °C
CS48560-DQZ
Automotive
-40 to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com