Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48520 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS48520
Description  32-bit Audio Decoder DSP Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48520 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS48520 Datasheet HTML 4Page - Cirrus Logic CS48520 Datasheet HTML 5Page - Cirrus Logic CS48520 Datasheet HTML 6Page - Cirrus Logic CS48520 Datasheet HTML 7Page - Cirrus Logic CS48520 Datasheet HTML 8Page - Cirrus Logic CS48520 Datasheet HTML 9Page - Cirrus Logic CS48520 Datasheet HTML 10Page - Cirrus Logic CS48520 Datasheet HTML 11Page - Cirrus Logic CS48520 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CS485xx Family Data Sheet
32-bit Audio Decoder DSP Family
8
Copyright 2009 Cirrus Logic, Inc.
DS734F3
CONFIDENTIAL
4.1.2 DMA Controller
The powerful 8-channel DMA controller can move data between 8 on-chip resources. Each resource
has its own arbiter: X, Y, and P RAMs/ROMs and the peripheral bus. Modulo and linear addressing
modes are supported, with flexible start address and increment controls. The service intervals for
each DMA channel, as well as up to 6 interrupt events, are programmable.
4.2 On-chip DSP Peripherals
4.2.1 Digital Audio Input Port (DAI)
Each version of the CS485xx supports a different number of input channels. Refer to Table 2 on
page 7 for more details.
The DAI port supports a wide variety of data input formats at sample rates (Fs) as high as 192 kHz.
The port is capable of accepting PCM or DSD formats. Up to 32-bit word lengths are supported. DSD
is supported and internally converted to PCM before processing. The DAI also supports a time
division multiplexed (TDM) one-line data mode, that packs PCM audio on a single data line (the total
number possible depends on the ratio of SCLK to LRCLK and the version of chip. For example on
the CS48520 only 4 ch of PCM are supported in one line mode and on the CS48560 up to 8
channels are supported.).
The port has two independent slave-only clock domains. Each data input can be independently
assigned to a clock domain. The sample rate of the input clock domains can be determined
automatically by the DSP, off-loading the task of monitoring the SPDIF receiver from the host. A time-
stamping feature allows the input data to be sample-rate converted via software.
4.2.2 Digital Audio Output Port (DAO)
Each version of the CS485xx supports a different number of output channels. Refer to Table 2 on
page 7 for more details.
DAO port supports PCM resolutions of up to 32-bits. The port supports sample rates (Fs) as high as
192 kHz. The port can be configured as an independent clock domain mastered by the DSP, or as a
clock slave if an external MCLK or SCLK/LRCLK source is available. One of the serial audio pins can
be re-configured as a SPDIF transmitter that drives a bi-phase encoded S/PDIF signal (data with
embedded clock on a single line).
The DAO also supports a time division multiplexed (TDM) one-line data mode, that packs multiple
channels of PCM audio on a single data line.
4.2.3 Serial Control Port (I2C® or SPI™)
The on-chip serial control port is capable of operating as master or slave in either SPI™ or I2C®
modes. Master/Slave operation is chosen by mode select pins when the CS485xx comes out of
Reset. The serial clock pin can support frequencies as high as 25 MHz in SPI mode (SPI clock speed
must always be
≤ (Fdclk/2)). The CS485xx serial control port also includes a pin for flow control of the
communications interface (SCP_BSY) and a pin to indicate when the DSP has a message for the
host (SCP_IRQ).
4.2.4 GPIO
Many of the CS485xx peripheral pins are multiplexed with GPIO. Each GPIO can be configured as
an output, an input, or an input with interrupt. Each input-pin interrupt can be configured as rising
edge, falling edge, active-low, or active-high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com