Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2300-CP Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS2300-CP
Description  Fractional-N Clock Multiplier with Internal LCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-CP Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS2300-CP Datasheet HTML 9Page - Cirrus Logic CS2300-CP Datasheet HTML 10Page - Cirrus Logic CS2300-CP Datasheet HTML 11Page - Cirrus Logic CS2300-CP Datasheet HTML 12Page - Cirrus Logic CS2300-CP Datasheet HTML 13Page - Cirrus Logic CS2300-CP Datasheet HTML 14Page - Cirrus Logic CS2300-CP Datasheet HTML 15Page - Cirrus Logic CS2300-CP Datasheet HTML 16Page - Cirrus Logic CS2300-CP Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
CS2300-CP
DS843F1
13
5. APPLICATIONS
5.1
Timing Reference Clock
The internal LC oscillator is used to generate the internal timing reference clock (see section 4 “Architecture
Overview” on page 11 for information on how this internal clock is used by the CS2300). A single 0.1 µF cap
must be connected between the FILTP and FILTN pins and the FILTN pin must be connected to ground as
shown in Figure 9.
5.2
Frequency Reference Clock Input, CLK_IN
The frequency reference clock input (CLK_IN) is used by the Digital PLL and Fractional-N Logic block to
dynamically generate a fractional-N value for the Frequency Synthesizer (see “Hybrid Analog-Digital PLL”
on page 12). The Digital PLL first compares the CLK_IN frequency to the PLL output. The Fractional-N logic
block then translates the desired ratio based off of CLK_IN to one based off of the internal LCO. This allows
the low-jitter internal LCO to be used as the clock which the Frequency Synthesizer multiplies while main-
taining synchronicity with the frequency reference clock through the Digital PLL. The allowable frequency
range for CLK_IN is found in the “AC Electrical Characteristics” on page 7.
5.2.1
CLK_IN Skipping Mode
CLK_IN skipping mode allows the PLL to maintain lock even when the CLK_IN signal has missing pulses
for up to 20 ms (tCS) at a time (see “AC Electrical Characteristics” on page 7 for specifications). CLK_IN
skipping mode can only be used when the CLK_IN frequency is below 80 kHz and CLK_IN is reapplied
within 20 ms of being removed. The ClkSkipEn bit enables this function.
Figure 9. External Component Requirements for LCO
FILTN
FILTP
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com