Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3004 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3004
Description  Precision Low-voltage Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3004 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3004_09 Datasheet HTML 1Page - Cirrus Logic CS3004_09 Datasheet HTML 2Page - Cirrus Logic CS3004_09 Datasheet HTML 3Page - Cirrus Logic CS3004_09 Datasheet HTML 4Page - Cirrus Logic CS3004_09 Datasheet HTML 5Page - Cirrus Logic CS3004_09 Datasheet HTML 6Page - Cirrus Logic CS3004_09 Datasheet HTML 7Page - Cirrus Logic CS3004_09 Datasheet HTML 8Page - Cirrus Logic CS3004_09 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS3004
Precision Low-voltage Amplifier
Features & Description
Low Offset:
–10 μV Max.
Low Drift:
–0.05 μV/°C Max.
Low Noise:
– 17 nV/√Hz
Open-loop Voltage Gain:
– 150 dB Typ.
Rail-to-Rail Inputs
Rail-to-Rail Output Swing
– to within 10 mV of supply voltage
2.1 mA Supply Current
Slew rate:
–0.25 V/μs
Applications
Thermocouple/Thermopile Amplifiers
Load Cell and Bridge Transducer Amplifiers
Precision Instrumentation
Battery-powered Systems
Description
The CS3004 dual amplifier is designed for precision am-
plification of low-level signals. These amplifiers achieve
excellent offset stability, hi gh open loop gain, and low
noise. T he d evices also exhibit e xcellent CMRR an d
PSRR. The common mode input range includes the sup-
ply rails. The amplifiers operate with any supply voltage
from 2.7 V to 5 V (±1.35 V to ±2.50 V).
Pin Configurations
CS3004
8-Lead SOIC
(Top View)
1. Must not be connected.
Out A
-In A
+In A
V-
V+
Out B
-In B
+In B
A
B
-
-
+
+
1
2
3
4
8
7
6
5
1
10
100
1000
0.01
0.1
1
10
Frequency (Hz)
-200
-150
-100
-50
0
50
100
150
200
0
1
23
4
5
67
89
10
Time (sec)
Noise vs. Frequency (Measured)
0.01 Hz to 10 Hz Noise Performance
JUL ‘09
DS719F2


Similar Part No. - CS3004_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
More results

Similar Description - CS3004_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3004 CIRRUS-CS3004 Datasheet
425Kb / 8P
Precision Dual Low-voltage Amplifier
CS3013 CIRRUS-CS3013 Datasheet
671Kb / 8P
Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
Precision Low-voltage Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
Low-power / Low-voltage Precision Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com