Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5511 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5511
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5511 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5511 Datasheet HTML 2Page - Cirrus Logic CS5511 Datasheet HTML 3Page - Cirrus Logic CS5511 Datasheet HTML 4Page - Cirrus Logic CS5511 Datasheet HTML 5Page - Cirrus Logic CS5511 Datasheet HTML 6Page - Cirrus Logic CS5511 Datasheet HTML 7Page - Cirrus Logic CS5511 Datasheet HTML 8Page - Cirrus Logic CS5511 Datasheet HTML 9Page - Cirrus Logic CS5511 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CS5510/11/12/13
6
DS337F4
DYNAMIC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(V- = 0 V) (See Note 15.)
Notes: 15. All voltages with respect to V-.
16. V+ and V- must satisfy 0.0V
≤ {(V+) - (V-)} ≤ +6.0 V.
17. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pins.
18. Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
19. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Ratio
Units
Modulator Sampling Frequency
CS5510/12
CS5511/13
fs
fs
SCLK/4
fosc/4
Hz
Hz
Output Word Rate
CS5510/12
CS5511/13
OWR
OWR
SCLK/612
fosc/612
Sps
Sps
Filter Settling Time to 1/2 LSB (Full Scale Step)
ts
4/OWR
s
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Note 16)
Positive
Negative
V+
V-
-0.3
-6.0
-
-
+6.0
+0.3
V
V
Input Current, Any Pin Except Supplies
(Notes 17 and 18)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Package Power Dissipation
(Note 19)
PDN
-
-
400
mW
Analog Input Voltage
AIN pins
VINA
(V-)+(-0.3)
-
(V+)+0.3
V
Digital Input Voltage
VIND
(V-)+(-0.3)
-
(V+)+0.3
V
Ambient Operating Temperature
TA
-40
-
+85
°C
Storage Temperature
Tstg
-65
-
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com