| Electronic Components Datasheet Search |
|
CS61575-IL1Z Datasheet(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61575-IL1Z Datasheet(HTML) 16 Page - Cirrus Logic |
|
16 / 34 page ![]() Remote Loopback Remote loopback is selected by taking RLOOP, pin 26, high or by setting the RLOOP register bit via the serial interface. In remote loopback, the recovered clock and data input on RTIP and RRING are sent through the jitter attenuator and back out on the line via TTIP and TRING. Selecting remote loopback overrides any TAOS request (see Table 7). The recovered incoming signals are also sent to RCLK, RPOS and RNEG (or RDATA). Simultaneous selection of local and remote loopback modes is not valid (see Reset). In the Extended Hardware Mode the transmitted data is looped before the AMI/B8ZS/HDB3 en- coder/decoder during remote loopback so that the transmitted signal matches the received signal, even in the presence of received bipolar viola- tions. Data output on RDATA is decoded, however, if RCODE is low. Driver Performance Monitor To aid in early detection and easy isolation of non-functioning links, the IC is able to monitor transmit drive performance and report when the driver is no longer operational. This feature can be used to monitor either the device’s perform- ance or the performance of a neighboring driver. The driver performance monitor indicator is nor- mally low, and goes high upon detecting a driver failure. The driver performance monitor consists of an ac- tivity detector that monitors the transmitted signal when MTIP is connected to TTIP and MRING is connected to TRING. DPM will go high if the absolute difference between MTIP and MRING does not transition above or below a threshold level within a time-out period. In the Host Mode, DPM is available from both the register and pin 11. Whenever more than one line interface IC resides on the same circuit board, the effectiveness of the driver performance monitor can be maximized by having each IC monitor performance of a neigh- boring IC, rather than having it monitor its own performance. Note that a CS61574A or CS61575 can not be used to monitor a CS61574 due to out- put stage differences. Line Code Encoder/Decoder In the Extended Hardware Mode, three line codes are available: AMI, B8ZS and HDB3. The input to the encoder is TDATA. The outputs from the decoder are RDATA and BPV (Bipolar Violation Strobe). The encoder and decoder are selected using the LEN2, LEN1, LEN0, TCODE and RCODE pins as shown in Table 8. Table 8. Encoder/Decoder Selection Table 7. Interaction of RLOOP with TAOS CS61574A CS61575 16 DS154F3 -XO¶ &21),'(17,$/ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |