Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3102 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS3102
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS3102 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMS3102
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3L TO-92 PLASTIC PACKAGE (N)
0.140±0.010
(3.556±0.127)
0.060±0.010
(1.524±0.254)
0.015±0.002
(0.381±0.051)
0.016±0.003
(0.406±0.076)
0.050±0.005
(1.270±0.127)
0.060±0.005
(1.524±0.127)
DIA
0.180±0.005
(4.572±0.127)
0.180±0.005
(4.572±0.127)
0.050
(1.270)
MAX
0.500
(12.70)
MIN
UNCONTROLLED
LEAD DIMENSIONS
10°
NOM
5° NOM
N (TO-92 ) AMS DRW# 042391
0.90
(2.286)
NOM
5 LEAD SOT-23 PLASTIC PACKAGE (M1)
0.059-0.070
(1.50-1.75)
0.014-0.020
(0.350-0.50)
0.110-0.120
(2.794-3.048)
0.102-0.118
(2.60-3.00)
0.037
(0.95)
TYP
0.075
(1.90)
TYP
0.018-0.024
(0.457-0.610)
10°
NOM
0.0035-0.0080
(0.090-0.20)
(SOT-23-5 ) AMS DRW# 051001
0.036-0.051
(0.090-1.30)
0.003
(0.150)
MAX
0.018-0.024
(0.457-0.610)
10°
NOM
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com