Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS4122 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS4122
Description  SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4122 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS4122 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4122
ABSOLUTE MAXIMUM RATINGS
VIN
4.0V to 20V
Junction Temperature
+150ºC
F/B
-0.3 to +12.0V
Storage Temperature
-65ºC to +150ºC
EN
-0.3V to +20V
Lead temperature
260ºC
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA= 25 °C and VIN=12V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
AMS4122
Min.
Typ.
Max.
Units
Feedback voltage
F/B-1 and F/B-2
0.590
0.6
0.610
V
Full Load Output Current
Measured on each channel (note 4)
2
A
Feedback2 (note 1)
Two Phase Mode
1.3
2.5
V
Phase Shift between Outputs
Dual Output Mode
171
180
189
Current Limit
Per Output
4
A
Phase current match
Dual Phase Single Output Mode
10
%
Oscillator Frequency
Note(2)
360
400
440
KHz
Maximum Duty Cycle
100
%
Enable Threshold
2.5
V
Enable Hysteresis
120
mV
Enable Pull-up Current
0.7
µA
Under Voltage Lockout
Threshold Rising
3.5
V
Under Voltage Lockout
Threshold Hysteresis
150
mV
Supply Current (Shutdown)
VEN ≤ 0.4V
100
nA
Supply Current (Quiescent)
VEN ≥ 2.8V; VFB = 1.5V
1.5
1.9
mA
Thermal Shutdown
135
°C
Total Power dissipation
Note (3)
2.5
W
Notes: 1) When a 1.3V or greater is applied to F/B2, the device enters in Two Phase Mode of operation.
2) The oscillators for each switching regulator are shifted by 180º of each-other to accommodate dual phase operation and reduce the ripples in the input
power supply.
3) The power dissipation for SO-8 EDP package is limited to 2.5W rated at 25
°C ambient temperatures. The thermal resistance Junction to Case is
45
°C/W. Total power dissipation for both switching regulators should be taken in consideration when calculating the output current for each regulator.
4) The load current is specified for two output configuration. The output load it is dependent of the output voltage. The total output power should be kept
under 6W/channel to avoid thermal shut-down.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com