Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE4100 Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE4100
Description  Precision Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE4100 Datasheet(HTML) 2 Page - Cirrus Logic

  VRE4100 Datasheet HTML 1Page - Cirrus Logic VRE4100 Datasheet HTML 2Page - Cirrus Logic VRE4100 Datasheet HTML 3Page - Cirrus Logic VRE4100 Datasheet HTML 4Page - Cirrus Logic VRE4100 Datasheet HTML 5Page - Cirrus Logic VRE4100 Datasheet HTML 6Page - Cirrus Logic VRE4100 Datasheet HTML 7Page - Cirrus Logic VRE4100 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE4100
2
VRE4100DS
1.chARActERiSticSAnDSpEciFicAtionS
ABSolutEMAXiMuMRAtinGS
parameter
Symbol
conditions
Min
typ
Max
units
Input Voltage
V
IN
+1.8
+5.5
V
Output Voltage Error
(Note 1)
V
OUT
B Grade
±0.025
±0.050
%
C/K Grade
±0.040
±0.080
Output Voltage
Temperature Coefficient
(Note 2)
TCV
OUT
B Grade
+0.5
+1.0
ppm/ºC
C Grade
+1.0
+2.0
K Grade
+1.5
+3.0
Dropout Voltage (Note 3)
V
IN - VOUT
I
L = 8mA
160
235
mV
Turn-On Settling Time
T
ON
To 0.01% of final value
2
µs
Output Noise Voltage
(Note 4)
E
n
0.1Hz < f < 10Hz
2.2
µVp-p
Temperature Hysteresis
Note 5
20
ppm
Long Term Stability
∆V
OUT/T
1000 Hours
50
ppm
Supply Current
I
IN
V
LOAD = 0mA
230
320
µA
Load Regulation (Note 6) ∆V
OUT/ ∆IOUT
1mA ≤ I
LOAD ≤ 8mA
1
20
ppm/mA
Line Regulation (Note 6) ∆V
OUT/ ∆VIN
V
REF + 200mV ≤ VIN ≤ 5.5V
20
200
ppm/V
Logic High Input Voltage
V
H
0.8
V
Logic High Input Current
I
H
2
nA
Logic Low Input Voltage
V
L
0.4
V
Logic Low Input Current
I
L
1
nA
NOTES:
1. High temperature and mechanical stress can effect the initial accuracy of this reference series.See
discussion on output accuracy.
2. The temperature coefficient is determined by the box method. See discussion on temperature perfor-
mance. All units are 100% tested over temperature.
3. The minimum input to output differential voltage at which the output voltage drops by 0.5% from
nominal.
4. Based on 1.024 V output. Noise is linearly proportional to V
REF.
5. Defined as change in 25ºC output voltage after cycling device over operating temperature range.
6. Line and load regulation are measured with pulses and do not include output voltage changes due to
self heating.
Power Supply to any input pin......-0.3V to +5.6V
Operating Temp. (B,C)...................... 0ºC to 70ºC
Operating Temp. (K) ....................-40ºC to +85ºC
Storage Temperature Range .....-65ºC to +150ºC
Output Short Circuit Duration .............................. Indefinite
ESD Susceptibility Human Body Model....................... 2kV
ESD Susceptibility Machine Model............................ 200V
Lead Temperature (soldering, 10 sec)....................+260ºC
ElEctRicAlSpEciFicAtionS
V
PS = +3 V for VRE4112, VPS = +5 V for VRE4125 and VRE4141. T = +25ºC, ILOAD = 1mA, COUT = 1µF Unless Otherwise Noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com