Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712S271XM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712S271XM
Description  Composite Dual EMI/RFI Shield Termination Conduit Fitting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712S271XM Datasheet(HTML) 1 Page - Glenair, Inc.

  712S271XM Datasheet HTML 1Page - Glenair, Inc. 712S271XM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-22
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
712S271
Composite Dual EMI/RFI Shield Termination
Conduit Fitting
For Glenair Series 74 Helical Convoluted Tubing
Convoluted Tubing (Shown
for Reference Only)
Tubing
I.D.
45°
A Thread - Typ.
Class 2A
(See Note 2)
1.06
(26.9)
J
Knurl or Flute Style Mfr. Option - Typ.
Double Layer Braid (.030 to .080 Thickness
RFI Shield (Shown for Reference Only)
Anti-Decoupling Device
Hex Coupling
Nut
Finish Symbol
(See Table III)
712S271 XM 03 24 K
Basic Part
Number
Conduit Fitting
Shell Size
(See Table I)
Tubing Size
(See Table II)
Product Series
K - For use with PEEK conduit material.
(Omit for PFA, ETFE, FEP or PTFE)
APPLICATION NOTES
Metric dimensions (mm) are in parentheses and are for reference only.
1.
Convoluted tubing to be ordered seperately. See Type E tubing.
2.
Mates to 710-318, -319, -320 and -321 transitions
3.
Coupling nut supplied unplated.
4.


Similar Part No. - 712S271XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712S271XM GLENAIR-712S271XM Datasheet
24Kb / 1P
Self-Locking Composite Conduit Adapter
712S271XM0106NK GLENAIR-712S271XM0106NK Datasheet
24Kb / 1P
Self-Locking Composite Conduit Adapter
712S271XM0109NK GLENAIR-712S271XM0109NK Datasheet
24Kb / 1P
Self-Locking Composite Conduit Adapter
712S271XM0110NK GLENAIR-712S271XM0110NK Datasheet
24Kb / 1P
Self-Locking Composite Conduit Adapter
712S271XM0112NK GLENAIR-712S271XM0112NK Datasheet
24Kb / 1P
Self-Locking Composite Conduit Adapter
More results

Similar Description - 712S271XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311AS063XM08 GLENAIR-311AS063XM08 Datasheet
288Kb / 2P
Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
Composite EMI/RFI Ultra Low-Profile Shield Sock
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
Composite EMI/RFI Shield Sock
390AS052XM08 GLENAIR-390AS052XM08 Datasheet
371Kb / 2P
Composite Cone and Ring Style EMI/RFI Environmental Shield Termination Backshell
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
Composite Shrink Boot Conduit Fitting
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
Composite EMI/RFI Single Shield Termination Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
Composite EMI/RFI Ultra Low-Profile Shield Sock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com