Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F2M32 Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS8F2M32
Description  2M x 32 FLASH FLASH MEMORY MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F2M32 Datasheet(HTML) 3 Page - Austin Semiconductor

  AS8F2M32 Datasheet HTML 1Page - Austin Semiconductor AS8F2M32 Datasheet HTML 2Page - Austin Semiconductor AS8F2M32 Datasheet HTML 3Page - Austin Semiconductor AS8F2M32 Datasheet HTML 4Page - Austin Semiconductor AS8F2M32 Datasheet HTML 5Page - Austin Semiconductor AS8F2M32 Datasheet HTML 6Page - Austin Semiconductor AS8F2M32 Datasheet HTML 7Page - Austin Semiconductor AS8F2M32 Datasheet HTML 8Page - Austin Semiconductor AS8F2M32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AUSTIN SEMICONDUCTOR, INC.
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F2M32
AS8F2M32
Rev. 2.5 05/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended pe-
riods may affect reliability.
**Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity
(plastics).
ABSOLUTE MAXIMUM RATINGS*
Voltage on any pin relative to V
SS
, V
T
**..............-2.0V to +7.0V
Power Dissipation, P
T
...............................................................4W
Storage Temperature, T
stg
..................................-65°C to +125°C
Short Circuit Output Current, I
OS
(1 output at a time)......100mA
Endurance - Write/Erase Cycles
....................100,000 min cycles
Data Retention...................................................................20 years
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(4.5V < VCC < 5.5V , -55°C < T
A
< +125°C)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
VCC = 5.5, VIN = GND to VCC
ILI
-10
10
µA
Output Leakage Current
VCC = 5.5, VIN = GND to VCC
ILOx32
-10
10
µA
VCC Active Current for Read
CS\ = VIL, OE\ = VIH
ICC1
160
mA
VCC Active Current for Program or Erase
CS\ = VIL, OE\ = VIH
ICC2
240
mA
VCC CMOS Standby
VCC = 5.5V, All Inputs @ VCC - 0.2V or VSS +0.2V,
RESET\ = CS\1-4 = VCC -0.2V
ISB
4mA
VCC Standby Current
VCC = 5.5, CS\ = VIH, RESET\ = VCC ± 0.3V, f=0
ICC3
8mA
Output Low Voltage
IOL = 12.0 mA, VCC = 4.5
VOL
0.45
V
Output High Voltage
IOH = -2.5 mA, VCC = 4.5
VOH
0.85 x VCC
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
000
V
Input High Voltage
VIH
2.2
---
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
---
+0.8
V
CAPACITANCE (T
A
= +25°C)*
PARAMETER
SYM
CONDITIONS
MAX
UNITS
OE\
COE
50
pF
WE\1-4
CWE
50
pF
CS\1-4
CCS
20
pF
Data I/O
CI/O
20
pF
Address input
CAD
50
pF
VIN = 0V, f = 1.0 MHz
*Parameter is guaranteed, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com