Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8SLC128K32P-20L/883C Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS8SLC128K32P-20L/883C
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8SLC128K32P-20L/883C Datasheet(HTML) 3 Page - Austin Semiconductor

  AS8SLC128K32P-20L/883C Datasheet HTML 1Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 2Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 3Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 4Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 5Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 6Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 7Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 8Page - Austin Semiconductor AS8SLC128K32P-20L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
AC TEST CONDITIONS
NOTE:
*This parameter is sampled.
CAPACITANCE (V
IN = 0V, f = 1MHz, TA = 25
oC)*
Input pulse levels...........................................VSS to 3V
Input rise and fall times...........................................1ns/V
Input timing reference levels...............................1.5V
Output reference levels........................................1.5V
Output load..........................................See Figure 1, 2
TEST SPECIFICATIONS
FIGURE 1
Q
30 pF
R
L
= 50
Ω
V
L
= 1.5V
Z
O
= 50
Ω
3.3V
Q
333
Ω
5 pF
319
Ω
FIGURE 2
SYMBOL
PARAMETER
MAX
UNITS
CADD
A0 - A16 Capacitance
40
pF
COE
OE\ Capacitance
40
pF
CWE, CCS
WEx\ and CSx\ Capacitance
12
pF
CIO
I/O 0- I/O 31 Capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com