Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S128K32P-15/883C Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS8S128K32P-15/883C
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S128K32P-15/883C Datasheet(HTML) 3 Page - Austin Semiconductor

  AS8S128K32P-15/883C Datasheet HTML 1Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 2Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 3Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 4Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 5Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 6Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 7Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 8Page - Austin Semiconductor AS8S128K32P-15/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S128K32
AS8S128K32
Rev. 4.1 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
AC TEST CONDITIONS
TEST SPECIFICATIONS
Input pulse levels........................................VSS to 3V
Input rise and fall times..........................................5ns
Input timing reference levels.................................1.5V
Output reference levels........................................1.5V
Output load.............................................See Figures 1
TRUTH TABLE
MODE
OE\
CE\
WE\
I/O
POWER
Read
L
L
H
Q
ACTIVE
Write
X
L
L
D
ACTIVE
Standby
X
H
X
HIGH Z
STANDBY
Not Selected
H
L
H
HIGH Z
ACTIVE
OH
OL
I
I
Current Source
Current Source
Vz = 1.5V
(Bipolar
Supply)
Device
Under
Test
Ceff = 50pf
-+
+
NOTES:
Vz is programable from -2V to + 7V.
I
OL and IOH programmable from 0 to 16 mA.
Vz is typically the midpoint of V
OH and VOL.
I
OL and IOH are adjusted to simulate a typical resistive load
circuit.
SYMBOL
PARAMETER
MAX
UNITS
NOTES
CADD
A0 - A18 Capacitance
40
pF
4
COE
OE\ Capacitance
40
pF
4
CWE, CCE
WE\ and CE\ Capacitance
20
pF
4
CIO
I/O 0- I/O 31 Capacitance
20
pF
4
Figure 1
CAPACITANCE TABLE (V
IN = 0V, f = 1 MHz, TA = 25
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com