Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040 Datasheet(PDF) 15 Page - Austin Semiconductor

Part # AS29F040
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040 Datasheet(HTML) 15 Page - Austin Semiconductor

Back Button AS29F040 Datasheet HTML 11Page - Austin Semiconductor AS29F040 Datasheet HTML 12Page - Austin Semiconductor AS29F040 Datasheet HTML 13Page - Austin Semiconductor AS29F040 Datasheet HTML 14Page - Austin Semiconductor AS29F040 Datasheet HTML 15Page - Austin Semiconductor AS29F040 Datasheet HTML 16Page - Austin Semiconductor AS29F040 Datasheet HTML 17Page - Austin Semiconductor AS29F040 Datasheet HTML 18Page - Austin Semiconductor AS29F040 Datasheet HTML 19Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
15
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
TABLE 6: TEST CONDITIONS,
Test Specifications
AC CHARACTERISTICS: Read-Only Operations
FIGURE 7: TEST CONDITIONS,
Test Setup
NOTES:
1. See Figure 7 and Table 6 for test specifications.
2. Output driver disable time.
3. Not 100% tested.
CONDITIONS
-55
ALL OTHERS
UNIT
Output Load
Output Load Capacitance, CL
(including jig capacitance)
30
100
pF
Input Rise and Fall Times
5
20
ns
Input Pulse Levels
0.0 - 3.0
0.45 - 2.4
V
Input timing measurement
reference levels
1.5
0.8, 2.0
V
Output timing measurement
reference levels
1.5
0.8, 2.0
V
1 TTL Gate
JEDEC
Std
-55
-70
90
-120
-150
Read Cycle Time
3
tAVAV
tRC
MIN
55
70
90
120
150
ns
Address to Output Delay
tAVQV
tACC
CE\ = VIL
OE\ = VIL
MAX
55
70
90
120
150
ns
Chip Enable to Output Delay
tELQV
tCE
OE\ = VIL
MAX
55
70
90
120
150
ns
Output Enable to Output Delay
tGLQV
tOE
MAX
30
30
35
50
55
ns
Chip Enable to Output High Z
2, 3
tEHQZ
tDF
MAX
18
20
20
30
35
ns
Output Enable to Output High Z
2, 3
tGHQZ
tDF
18
20
20
30
35
ns
Read
MIN
00000
ns
Toggle and
Data Polling
MIN
1010101010
ns
Output Hold Time From Addresses
CE\ or OE\, Whichever Occurs First
tAXQX
tOH
MIN
00000
ns
SPEED OPTIONS
1
UNITS
PARAMETER
TEST SETUP
Output Enable Hold Time
3
tOEH
SYMBOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com