Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040CW-60/XT Datasheet(PDF) 19 Page - Austin Semiconductor

Part # AS29F040CW-60/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-60/XT Datasheet(HTML) 19 Page - Austin Semiconductor

Back Button AS29F040CW-60/XT Datasheet HTML 15Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 16Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 17Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 18Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 19Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 20Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 21Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 22Page - Austin Semiconductor AS29F040CW-60/XT Datasheet HTML 23Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
19
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
FIGURE 13: AC CHARACTERISTICS, DQ2 vs. DQ6
NOTES: Both DQ6 and DQ2 toggle with OE\ or CE\. See the text on DQ6 and DQ2 in section “Write Operation Status” for more information.
AC CHARACTERISTICS: Erase and Program Operations (Alternate
CE\ Controlled Writes)
NOTES:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
JEDEC
Std
-55
-70
90
-120
-150
Write Cycle Time
1
MIN
tAVAV
tWC
55
70
90
120
150
ns
Address Setup Time
MIN
tAVWL
tAS
ns
Address Hold Time
MIN
tWLAX
tAH
40
45
45
50
50
ns
Data Setup Time
MIN
tDVWH
tDS
25
30
45
50
50
ns
Data Hold Time
MIN
tWHDX
tDH
ns
Output Enable Setup Time
MIN
tOES
ns
Read Recover Time Before Write
(OE\ High to WE\ Low)
MIN
tGHWL
tGHWL
ns
CE\ Setup Time
MIN
tELWL
tCS
ns
CE\ Hold Time
MIN
tWHEH
tCH
ns
Write Pulse Width
MIN
tWLWH
tWP
30
35
45
50
50
ns
Write Pulse Width High
MIN
tWHWL
tWPH
ns
Byte Programming Operation
2
TYP
tWHWH1 tWHWH1
µs
Sector Erase Operation
2
TYP
tWHWH2 tWHWH2
sec
VCC Set Up Time
1
MIN
tVCS
µs
0
0
0
20
SPEED OPTIONS
0
0
0
7
1
50
SYMBOL
PARAMETER
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com