Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS28C010F-15/XT Datasheet(PDF) 12 Page - Austin Semiconductor

Part # AS28C010F-15/XT
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010F-15/XT Datasheet(HTML) 12 Page - Austin Semiconductor

Back Button AS28C010F-15/XT Datasheet HTML 6Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 7Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 8Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 9Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 10Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 11Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 12Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 13Page - Austin Semiconductor AS28C010F-15/XT Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
*All measurements are in inches.
Symbol Min
Max Note Symbol Min
Max Note
A
---
.225
eA/2
b
.014 .026
2
L
.125 .200
8
b1
.014 .023
3
Q
.015 .070
9
b2
.045 .065
4
Q1
b3
.023 .045
5
S1
.005
---
10
c
.008 .018
2
S2
.005
---
11
c1
.008 .015
3
a
90
O
105
O
D
---
1.680
6
aaa
---
.015
E
.510 .620
6
bbb
---
.030
E2
ccc
---
.010
E3
M
---
.0015
2
eN
12
eA
Note
.100 BSC
.600 BSC
.300 BSC
32
1,14
NOTES:
1.
Index area: A notch or a pin one identification mark shall be located
adjacent to pin one and shall be located within the shaded area shown.
The manufacturer’s identification shall not be used as a pin one
identification mark.
2.
The maximum limits of lead dimensions b and c or M shall be measured
at the centroid of the finished lead surfaces, when solder dip or tin plate
lead finish is applied.
3.
Dimensions b1 and c1 apply to lead base metal only. Dimension M applies
to lead plating and finish thickness.
4.
The b2 minimum dimension of .045 inch (1.14 mm) was implemented 30
September 1992. Until that date, a minimum dimension of .038 (0.97 mm)
was acceptable. See 5.2.4
5.
Corner leads (1, N, N/2, and N/2+1) may be configured as shown in detail
A. For this configuration dimension b3 replaces dimension b2.
6.
This dimension allows for off-center lid, meniscus, and glass overrun.
8.
Pointed or rounded lead tips as shown in details B and C are preferred to
ease insertion, but are not mandatory.
9.
Dimension Q shall be measured from the seating plane to the base plane.
10.
Measure dimension S1 at all four corners, see 5.2.5.
11.
Measure dimension S2 from the top of the ceramic body to the nearest
metallization or lead
12.
N is the maximum number of terminal positions.
14.
See tables VI and VII for descriptive type designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com