Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS58C1001 Datasheet(PDF) 19 Page - Austin Semiconductor

Part # AS58C1001
Description  128K x 8 EEPROM EEPROM Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001 Datasheet(HTML) 19 Page - Austin Semiconductor

Back Button AS58C1001 Datasheet HTML 13Page - Austin Semiconductor AS58C1001 Datasheet HTML 14Page - Austin Semiconductor AS58C1001 Datasheet HTML 15Page - Austin Semiconductor AS58C1001 Datasheet HTML 16Page - Austin Semiconductor AS58C1001 Datasheet HTML 17Page - Austin Semiconductor AS58C1001 Datasheet HTML 18Page - Austin Semiconductor AS58C1001 Datasheet HTML 19Page - Austin Semiconductor AS58C1001 Datasheet HTML 20Page - Austin Semiconductor AS58C1001 Datasheet HTML 21Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
AS58C1001
Rev. 5.5 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
19
Austin Semiconductor, Inc.
ORDERING INFORMATION
EXAMPLE: AS58C1001SF-15/IT
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS58C1001
SF
-15
/*
AS58C1001
F
-15
/*
AS58C1001
SF
-20
/*
AS58C1001
F
-20
/*
AS58C1001
SF
-25
/*
AS58C1001
F
-25
/*
EXAMPLE: AS58C1001DG-15/XT **
EXAMPLE: AS58C1001DCJ-20/IT
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS58C1001
DG
-15
/*
AS58C1001
DCJ
-15
/*
AS58C1001
DG
-20
/*
AS58C1001
DCJ
-20
/*
AS58C1001
DG
-25
/*
AS58C1001
DCJ
-25
/*
EXAMPLE: AS58C1001F-25/883C
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
**NOTE: DG package available as XT and IT only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com