Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC3580 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ABC3580
Description  Bulk Simplex Fiber Optic Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ABC3580 Datasheet(HTML) 1 Page - Glenair, Inc.

  ABC3580 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
K-3
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
ABC 3580
Bulk Simplex Fiber Optic Cable
50/125 Graded Index
Core
Cladding
Primary Buffer
Hytrel Buffer
Kevlar®
Reinforcement
Outer Jacket
Hytrel (Orange)
Kevlar® is a registered trademark of DuPont Company.
ABC3580
Basic Part
Number
Consult Factory for price in feet or meters and for
Standard Length Tolerance
CABLE SPECIFICATIONS
Core/Mode Field Diameter
50 µm ± 3 µm
Cladding Diameter
125 µm ± 3 µm
Primary Buffer
500 µm ± 25 µm
Secondary Buffer
900 µm ± 50 µm
Jacket
.079 + .007 Inch Diameter
Attenuation:
@ 850 nm
@ 1300 nm
4.0 dB/km
2.5 dB/km
Bandwidth:
@ 850 nm
@ 1300 nm
400 Mhz/km Minimum
400 Mhz/km Minimum
Numerical Aperture
.200 Nominal
Index Profile
Graded
Proof Test
100 KPSI
Operating Temperature
-40° C to 85° C
Glenair also carries 62.5 and 50 µm Multimode fiber that meet FAR25
flammability requirements. Consult factory for more information.


Similar Part No. - ABC3580

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ABC3586 GLENAIR-ABC3586 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
More results

Similar Description - ABC3580

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ABC3569 GLENAIR-ABC3569 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3571 GLENAIR-ABC3571 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3586 GLENAIR-ABC3586 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3821 GLENAIR-ABC3821 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3569 GLENAIR-ABC-3569 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3571 GLENAIR-ABC-3571 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3580 GLENAIR-ABC-3580 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3586 GLENAIR-ABC-3586 Datasheet
358Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3821 GLENAIR-ABC-3821 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
logo
Tripp Lite. All Rights ...
N549-01K TRIPPLITE-N549-01K Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 LSZH Fiber Optic Cable, 1000-ft. Bulk
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com