Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1185F/MIL Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS1185F/MIL
Description  Low Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1185F/MIL Datasheet(HTML) 1 Page - Austin Semiconductor

  AS1185F/MIL Datasheet HTML 1Page - Austin Semiconductor AS1185F/MIL Datasheet HTML 2Page - Austin Semiconductor AS1185F/MIL Datasheet HTML 3Page - Austin Semiconductor AS1185F/MIL Datasheet HTML 4Page - Austin Semiconductor AS1185F/MIL Datasheet HTML 5Page - Austin Semiconductor AS1185F/MIL Datasheet HTML 6Page - Austin Semiconductor AS1185F/MIL Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
REGULA
REGULA
REGULA
REGULA
REGULAT
TT
T
TOR
OR
OR
OR
OR
AS1185
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS1185
Rev. 1.1 6/05
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The AS1185 is a 2.7A low dropout regulator with adjustable
current limit and remote sense capability. It can be used as a
positive output regulator with floating input or as a standard
negative regulator with grounded input. The output voltage
range is 2.5V to 25V, with ±1% accuracy on the internal
reference voltage.
The AS1185 uses a saturation-limited NPN transistor as the
pass element. This device gives the linear dropout
characteristics of a FET pass element with significantly less die
area. High efficiency is maintained by using special
anti-saturation circuitry that adjusts base drive to track load
current. The “on resistance” is typically 0.25
Ω.
Accurate current limit is programmed with a single 1/8W
external resistor, with a range of zero to three amperes. A
second, fixed internal limit circuit prevents destructive currents
if the programming current is accidentally overranged.
Assembly considerations for this package requires that
the fixed internal current limit circuit be bypassed at all times.
An external current limit resistor set to a maximum of 2.7A
must be used. Failure to do so on this package can result in
damage to the device.
Shutdown of the regulator output is guaranteed when the
program current is less than 1µA, allowing external logic
control of output voltage.
FEATURES
• Low Resistance Pass Transistor: 0.25
Ω
• Dropout Voltage: 0.75V at 2.7A
• ±1% Reference Voltage
• Accurate Programmable Current Limit
• Shutdown Capability
• Internal Reference Available
• Standard 10-Lead Packages
• Full Remote Sense
• Low Quiescent Current:
≈ 2.5mA
• Good High Frequency Ripple Rejection
OPTIONS
MARKINGS
• Packages
10 Lead Ceramic Flatpack
F
AVAILABLE AS MILITARY
SPECIFICATIONS
• Military Equipment Screening - MIL-STD-883, 1.2.2
PIN ASSIGNMENT
(Top View)
10 Lead Flat Pack (F)
Low Dropout Regulator
For more products and information
please visit our web site at
www.austinsemiconductor.com
1
2
3
4
5
10
9
8
7
6
GND
FB
V
IN
V
REF
V
IN
GND
V
OUT
NC
V
OUT
NC
AS1185
5V, 2.7A Regulator with 2.7A current limit
5.6K


Similar Part No. - AS1185F/MIL

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
AS11850G-21 MKS-AS11850G-21 Datasheet
481Kb / 4P
A Comprehensive Controls Solution
AS11850G-22 MKS-AS11850G-22 Datasheet
481Kb / 4P
A Comprehensive Controls Solution
More results

Similar Description - AS1185F/MIL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
Low Dropout Regulator
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
LOW DROPOUT REGULATOR
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
Low Dropout Regulator
logo
Linear Technology
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com