Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1185F Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS1185F
Description  Low Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1185F Datasheet(HTML) 3 Page - Austin Semiconductor

  AS1185F Datasheet HTML 1Page - Austin Semiconductor AS1185F Datasheet HTML 2Page - Austin Semiconductor AS1185F Datasheet HTML 3Page - Austin Semiconductor AS1185F Datasheet HTML 4Page - Austin Semiconductor AS1185F Datasheet HTML 5Page - Austin Semiconductor AS1185F Datasheet HTML 6Page - Austin Semiconductor AS1185F Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
REGULA
REGULA
REGULA
REGULA
REGULAT
TT
T
TOR
OR
OR
OR
OR
AS1185
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
AS1185
Rev. 1.1 6/05
Austin Semiconductor, Inc.
PARAMETER
MIN
TYP
MAX
UNITS
Reference Voltage (@ FB Pin)
2.37
V
VIN - VOUT = 5V, VOUT = VREF
0.3
±1
%
1mA < IOUT < 2.7A
VIN - VOUT = 1.2V to VIN = 30V
P < 25W
6, V
OUT = 5V
TMIN < TJ < TMAX
9
•
1
±2.5
%
Feedback Pin Bias Current
VOUT = VREF
•
0.7
2.0
µA
IOUT = 0.5A, VOUT = 5V
0.20
0.37
V
IOUT = 2.7A, VOUT = 5V
0.67
1.00
V
Load Regulation
7
IOUT = 5mA to 2.7A
VIN - VOUT = 1.5V to 10V, VOUT = 5V
0.05
0.3
%
Line Regulation
7
VIN - VOUT = 1V to 20V, VOUT = 5V
0.002
0.01
%/V
IOUT = 1A
4, V
OUT = VREF
4.0
V
IOUT = 2.7A
4.3
V
1.5V < VIN - VOUT < 10V
3.3
3.6
4.2
A
•
3.1
4.4
A
VIN - VOUT = 15V
•
2.0
3
4.2
A
VIN - VOUT = 20V
•
1.0
1.7
2.6
A
VIN - VOUT = 30V
•
0.2
0.4
1.0
A
External Current Limit Programming
Constant
5k < RLIM < 15k, VOUT = 1V
11
•
15k
A•W
1A < ILIM < 2.7A
0.02 ILIM
0.06 ILIM + 0.03
A
RLIM = 15k • A/ILIM
•
0.04 ILIM
0.09 ILIM + 0.05
A
Quiescent Supply Current
IOUT = 5mA, VOUT = VREF
4V < VIN < 25V
5
•
2.5
3.5
mA
VIN - VOUT = VSAT
10
•
25
40
mA/A
VIN - VOUT > 2V
•
10
25
mA/A
REF Pin Shutoff Current
•
0.4
2
7
µA
Thermal Regulation
(See Applications Information)
VIN - VOUT = 10V, IOUT = 5mA to 2A
8
0.005
0.014
%/W
Reference Voltage Temperature
Coefficient
8
0.003
0.01
%/°C
External Current Limit Error
Supply Current Change with Load
CONDITION
Rference Voltage Tolerance (@ FB Pin)
2
Internal Current Limit
(See Graph for Guaranteed Curve)
8, 12
Dropout Voltage
3
Minimum Input Voltage
ELECTRICAL CHARACTERISTICS: The • denotes specifications which apply over the
operating temperature range, otherwise specifications are at T
A
= 25°C. Adjustable version,
V
IN
= 7.4V, V
OUT
= 5V, I
OUT
= 1mA, R
LIM
= 5.6k, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com