Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS117TO39/883C Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS117TO39/883C
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/883C Datasheet(HTML) 4 Page - Austin Semiconductor

  AS117TO39/883C Datasheet HTML 1Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 2Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 3Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 4Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 5Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 6Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 7Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 8Page - Austin Semiconductor AS117TO39/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ABSOLUTE MAXIMUM RATINGS(note 1)
Operating Temperature Range ....................... -55C < Ta < +125C
Maximum Junction Temperature ......................................... +150C
Storage Temperature Range ........................... -65C < Ta < +150C
Lead Temperature (soldering for 10 sec) ............................ 300C
Input to Output Voltage Differential ............................+40V, -0.3V
Power Dissipation ........................................... Internally Limited
Output Short Circuit Duration..................................................10 sec
Lead Temperature (Soldering, 10 sec).......................................300°C
Thermal Resistance:
Theta JATO-03 Metal Can .........still air............186C/W
.......500LF/min air flow...... 64C/W
Theta JA 16Lead Gullwing ....still air............... 115C/W
.......500LF/min air flow....... 66C/W
Theta JC TO-03 Metal Can .....still air.............. 21C/W
Theta JC 16Lead Gullwing .....still air............... 3.4C/W
-(see note 3)
Package Weight:
16 Lead Cerpack Gullwing ................................ 380mg
3 Lead Metal Can ............................................... 950mg
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is functional , but do not guarantee specific performance limits. For guaranteed Specs & Test conditions, see Electrical
Characteristics section.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax(max Junction temp), ThetaJA
(package junction to ambient thermal resistance), and TA(ambient temp). The maximum allowable power dissipation at any temperature is
Pdmax (Tjmax - TA)/ThetaJA or the number given in the Absolute Maximum Rating, whichever is lower.
Note 3: For the Ceramic 16lead gullwing, device to function properly, the “OUTPUT” and “OUTPUT/SENSE” pins must be connected on the
users printed circuit board.
SUBGROUP
Description
TEMP(OC)
1
Static DC tests
+25
2
Static DC tests
+125
3
Static DC tests
-55
4
Dynamic Tests
+25
5
Dynamic Tests
+125
6
Dynamic Tests
-55
7
Functional Tests
+25
8A
Functional Tests
+125
8B
Functional Tests
-55
(The following Table applies to the Subgroup column in the Electrical Characteristics Tables)
RECOMMENDED OPERATING CONDITIONS:
OPERATING TEMPERATURE Range
-55C < TA < 125c
INPUT VOLTAGE RANGE
4.25V to 41.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com