Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1419AF-XT Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS1419AF-XT
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-XT Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS1419AF-XT Datasheet HTML 9Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 10Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 11Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 12Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 13Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 14Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 15Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 16Page - Austin Semiconductor AS1419AF-XT Datasheet HTML 17Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
Austin Semiconductor, Inc.
BOARD LAYOUT AND GROUNDING
Wire wrap boards are not recommended for high
resolution or high speed A/D converters. To obtain the best
performance from theAS1419, a printed circuit board with ground
plane is required. Layout should ensure that digital and analog
signal lines are separated as much as possible. Particular care
should be taken not to run any digital track alongside an
analog signal track or underneath the ADC.The analog input
should be screened by AGND.
An analog ground plane separate from the logic system
ground should be established under and around the ADC. Pin
5 (AGND), Pin 14 and Pin 19 (ADC’s DGND) and all other
analog grounds should be connected to this single analog
ground point. The REFCOMP bypass capacitor and the DV
DD
bypass capacitor should also be connected to this analog
ground plane. No other digital grounds should be connected
to this analog ground plane. Low impedance analog and digital
power supply common returns are essential to low noise
operation of the ADC and the foil width for these tracks should
be as wide as possible. In applications where the ADC data
outputs and control signals are connected to a continuously
active microprocessor bus, it is possible to get errors in the
conversion results. These errors are due to feedthrough from
the microprocessor to the successive approximation
comparator. The problem can be eliminated by forcing the
microprocessor into a WAIT state during conversion or by
using three-state buffers to isolate the ADC data bus. The traces
connecting the pins and bypass capacitors must be kept short
and should be made as wide as possible.
The AS1419 has differential inputs to minimize noise
coupling. Common mode noise on the +A
IN
and –A
IN
leads will
be rejected by the input CMRR. The –A
IN
input can be used as
a ground sense for the +A
IN
input; the AS1419 will hold and
convert the difference voltage between +A
IN
and –A
IN
. The
leads to +A
IN
(Pin 1) and –A
IN
(Pin 2) should be kept as short as
possible. In applications where this is not possible, the +A
IN
and –A
IN
traces should be run side by side to equalize
coupling.
SUPPLY BYPASSING
High quality, low series resistance ceramic, 10µF bypass
capacitors should be used at the V
DD
and REFCOMP pins.
Surface mount ceramic capacitors provide excellent bypassing
in a small board space. Alternatively, 10µF tantalum capacitors
in parallel with 0.1µF ceramic capacitors can be used. Bypass
capacitors must be located as close to the pins as
possible.
The traces connecting the pins and the bypass capacitors must
be kept short and should be made as wide as possible.
DIGITAL INTERFACE
The A/D converter is designed to interface with
microprocessors as a memory mapped device. The CS\ and RD\
control inputs are common to all peripheral memory interfacing.
A separate CONVST\ is used to initiate a conversion.
Internal Clock
The A/D converter has an internal clock that eliminates the
need of synchronization between the external clock and the CS\
and RD\ signals found in other ADCs. The internal clock is
factory trimmed to achieve a typical conversion time of 0.95
μs
and a maximum conversion time over the full operating
temperature range of 1.15
μs. No external adjustments are
required. The guaranteed maximum acquisition time is 300ns. In
addition, a throughput time of 1.25
μs and a minimum sampling
rate of 800ksps are guaranteed.
FIGURE 12: Power Supply Grounding Practice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com