Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040CW-55/Q Datasheet(PDF) 21 Page - Austin Semiconductor

Part # AS29F040CW-55/Q
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-55/Q Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS29F040CW-55/Q Datasheet HTML 17Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 18Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 19Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 20Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 21Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 22Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 23Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 24Page - Austin Semiconductor AS29F040CW-55/Q Datasheet HTML 25Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
21
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
ERASE AND PROGRAMMING PERFORMANCE
NOTES:
1 . Typical program and erase times assume the following conditions: 25°C, 5.0V V
CC
, 1 million cycles. Additionally, programming typicals
assume checkerboard pattern.
2. Under worst case conditions of 90°C, V
CC
= 4.5V; 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster
than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then does the device set DQ5 = 1.
See the section on DQ5 for further information.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 4 for further
information on command definitions.
6. The device has a minimum guaranteed erase and program cycle endurance of 1 million cycles.
LATCHUP CHARACTERISTIC
NOTES: Includes all pins except V
CC
. Test conditions: V
CC
= 5.0V, one pin at a time.
PIN CAPACITANCE
NOTES:
1. Sampled, not 100% tested.
2. Test conditions T
A
= 25°C, f = 1.0 MHz
DATA RETENTION
TYP
1
MAX
2
UNIT
Sector Erase Time
1
8
sec
Chip Erase Time
8
64
sec
Byte Programming Time
7
300
µs
Chip Programming Time
3
3.6
10.8
sec
PARAMETER
LIMITS
COMMENTS
Excludes system-level overhead
5
Excludes 00h programming prior to erasure
4
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Input Capacitance
VIN = 0
CIN
46
pF
Output Capacitance
VOUT = 0
COUT
812
pF
Control Pin Capacitance
VPP = 0
CIN2
812
pF
PARAMETER
MIN
MAX
Input voltage with respect to VSS on all I/O pins
-1.0V
VCC + 1.0V
VCC Current
-100mA
+100mA
PARAMETER
CONDITIONS
MIN
UNIT
150°C
10
Years
125°C
20
Years
Minimum Pattern Data Retention Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com