Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-119 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-119
Description  2.25 Volt Voltage Variable Absorptive Attenuator 42 dB, 1.8 - 2.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-119 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-119 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-119 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-119 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT-119 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AT-119 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
2.25 Volt Voltage Variable Absorptive Attenuator
42 dB, 1.8 - 2.5 GHz
Rev. V9
AT-119
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Frequency = 2.4 GHz, VCC = 3.3 V, Z0 = 50 Ω
Parameter
Test Conditions
4,5
Units
Min.
Typ.
Max.
Insertion Loss
VCTL = 2.25 V
dB
—
2.4
3.2
Maximum Attenuation
VCTL = 0.5 V
dB
37
42
—
Attenuation Slope
0.75 V < VCTL < 1.75 V
dB/V
24
—
—
Return Loss
0.0 V < VCTL < 0.75 V
0.75 V < VCTL < 1.75 V
1.75 V < VCTL < 2.25 V
dB
dB
dB
—
—
—
6
10
14
—
—
—
Input Power for 1dB Change in Attenuation
0.75 V < VCTL < 2.25 V
dBm
—
10
—
Input 3rd Order Intercept Point
0.75 V < VCTL < 2.25 V
dBm
—
15
—
Switching Speed
50% VCTL to 10% / 90% RF
nS
—
100
—
Transients
VCTL = 3 V, In-Band
mV
—
10
—
4. External DC blocking capacitors are required on all RF ports.
5. VCC = +3.3 V @ 50 µA typical. VCTL = 0 V to +2.25 V @ 50 µA typical.
Application Schematic
RF IN/
OUT
RF IN/
OUT
VCC
V control
100 pF
100 pF
220 pF
15 pF
RF IN/
OUT
RF IN/
OUT
VCC
V control
100 pF
100 pF
220 pF
15 pF
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com