Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8264ACPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8264ACPZ
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8264ACPZ Datasheet HTML 11Page - Analog Devices AD8264ACPZ Datasheet HTML 12Page - Analog Devices AD8264ACPZ Datasheet HTML 13Page - Analog Devices AD8264ACPZ Datasheet HTML 14Page - Analog Devices AD8264ACPZ Datasheet HTML 15Page - Analog Devices AD8264ACPZ Datasheet HTML 16Page - Analog Devices AD8264ACPZ Datasheet HTML 17Page - Analog Devices AD8264ACPZ Datasheet HTML 18Page - Analog Devices AD8264ACPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD8264
Rev. 0 | Page 15 of 40
−90
−60
−50
−80
−70
−30
−40
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
VGAx = 0.5V p-p
VGAx = 1V p-p
VGAx = 2V p-p
INPUT LIMITED
Figure 45. HD3 vs. Amplitude to VGAx
−90
−60
−50
−80
−70
−30
−40
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
1MHz
10MHz
35MHz
Figure 46. HD2 vs. VGAIN vs. Frequency to Differential Output
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
−90
−45
−30
−75
−60
0
−15
1MHz
10MHz
35MHz
Figure 47. HD3 vs. VGAIN vs. Frequency to Differential Output
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
−90
−60
−50
−80
−70
−30
−40
VOUT = 0.5V p-p
VOUT = 1V p-p
VOUT = 2V p-p
Figure 48. HD2 vs. Amplitude to Differential Output
−90
−60
−50
−80
−70
VOUT = 0.5V p-p
VOUT = 1V p-p
VOUT = 2V p-p
−30
−40
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
Figure 49. HD3 vs. Amplitude to Differential Output
0
10M
FREQUENCY (Hz)
1M
100M
LOW TONE, f – 50kHz
HIGH TONE, f + 50kHz
−20
−40
−60
−80
−100
VOUT = 1V p-p
Figure 50. IMD3 vs. Frequency to VGAx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com