Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9267BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9267BCPZ
Description  10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9267BCPZ Datasheet HTML 9Page - Analog Devices AD9267BCPZ Datasheet HTML 10Page - Analog Devices AD9267BCPZ Datasheet HTML 11Page - Analog Devices AD9267BCPZ Datasheet HTML 12Page - Analog Devices AD9267BCPZ Datasheet HTML 13Page - Analog Devices AD9267BCPZ Datasheet HTML 14Page - Analog Devices AD9267BCPZ Datasheet HTML 15Page - Analog Devices AD9267BCPZ Datasheet HTML 16Page - Analog Devices AD9267BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9267
Rev. 0 | Page 13 of 24
THEORY OF OPERATION
The AD9267 uses a continuous time Σ-Δ modulator to convert
the analog input to a digital word. The modulator consists of a
continuous time loop filter preceding a quantizer (see Figure 27),
which samples at fMOD = 640 MSPS. This produces an oversam-
pling ratio (OSR) of 32 for a 10 MHz input bandwidth. The output
of the quantizer is fed back to a DAC that ideally cancels the
input signal. The incomplete input cancellation residue is filtered
by the loop filter and is used to form the next quantizer sample.
H(f)
LOOP FILTER
QUANTIZER
+
–
ADC
MODULATOR
Figure 27. Σ-Δ Modulator Overview
The quantizer produces a nine-level digital word. The quantiza-
tion noise is spread uniformly over the Nyquist band (see
Figure 28) but the feedback loop causes the quantization noise
present in the nine-level output to have a nonuniform spectral
shape. This noise shaping technique (see Figure 29) pushes the
in-band noise out of band; therefore, the amount of quantiza-
tion noise in the frequency band of interest is minimal.
QUANTIZATION NOISE
fMOD/2
BAND OF INTEREST
Figure 28. Quantization Noise
NOISE SHAPING
BAND OF INTEREST
fMOD/2
Figure 29. Noise Shaping
ANALOG INPUT CONSIDERATIONS
The continuous time modulator removes the need for an anti-
alias filter at the input to the AD9267. A discrete time converter
aliases signals around the sample clock frequency and its
multiples to the band of interest (see Figure 30). An external
antialias filter is needed to reject these signals.
DESIRED
INPUT
UNDESIRED
SIGNAL
ADC
fS
fS/2
Figure 30. Discrete Time Converter
In contrast, the continuous time Σ-Δ modulator used within the
AD9267 has inherent antialiasing. The antialiasing property
results from sampling occurring at the output of the loop filter
(see Figure 31), and thus aliasing occurs at the same point in the
loop as quantization noise is injected; aliases are shaped by the
same mechanism as quantization noise. The quantization noise
transfer function, NTF(f), has zeros in the band of interest and
in all alias bands because NTF(f) is a discrete time transfer
function, whereas the loop filter transfer function, LF(f),
introduces poles only in the band of interest because LF(f) is a
continuous time transfer function. The signal transfer function,
being the product of NTF(f) and LF(f), only has zeros in all
alias bands and therefore suppresses all aliases.
LF(f)
H(z)
QUANTIZATION
NOISE
INP UT
OUTPUT
LOOP FILTER
fMOD
fMOD
fMOD
f
NTF(f)
L F (f)
Figure 31. Continuous Time Converter
Input Common Mode
The analog inputs of the AD9267 are not internally dc biased.
In ac-coupled applications, the user must provide this bias
externally. Setting the device such that VCM = AVDD is
recommended for optimum performance. The analog inputs
are 500 Ω resistors and the internal reference loop aims to
develop 0.5 V across each input resistor (see Figure 32). With
0 V differential input, the driver sources 1 mA into each
analog input.
TO LOOP FILTER
STAGE 2
DAC
AVDD – 0.5V
500
Ω
500
Ω
VIN+x
VIN–x
FROM QUANTIZER
2.3V
1.8V
1.3V
2.3V
1.8V
1.3V
Figure 32. Input Common Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com