Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCLK954BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCLK954BCPZ
Description  Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK954BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCLK954BCPZ Datasheet HTML 3Page - Analog Devices ADCLK954BCPZ Datasheet HTML 4Page - Analog Devices ADCLK954BCPZ Datasheet HTML 5Page - Analog Devices ADCLK954BCPZ Datasheet HTML 6Page - Analog Devices ADCLK954BCPZ Datasheet HTML 7Page - Analog Devices ADCLK954BCPZ Datasheet HTML 8Page - Analog Devices ADCLK954BCPZ Datasheet HTML 9Page - Analog Devices ADCLK954BCPZ Datasheet HTML 10Page - Analog Devices ADCLK954BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADCLK954
Rev. A | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VEE = 0.0 V, VICM = VREF, TA = 25°C, clock outputs terminated at 50 Ω to VCC − 2 V, unless otherwise noted.
C3
C4
C3
100mV/DIV
500ps/DIV
Figure 3. LVPECL Output Waveform @ 200 MHz
1.8
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
Figure 4. Differential Output Voltage vs. Frequency,
VID > 1.1 V p-p
225
180
185
190
195
200
205
210
215
220
01
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
DIFFERENTIAL INPUT VOLTAGE SWING (V)
.8
Figure 5. Propagation Delay vs. Differential Input Voltage
C4
C3
C4
100mV/DIV
100ps/DIV
Figure 6. LVPECL Output Waveform @ 1000 MHz
214
213
212
211
210
209
208
207
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 7. Propagation Delay vs. Temperature, VID = 1.6 V p-p
230
190
200
210
220
0.9
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
DC COMMON-MODE VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 8. Propagation Delay vs. DC Common-Mode Voltage vs. Temperature,
Input Slew Rate > 25 V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com